Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2060B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2060B
Description  115.18 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2060B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2060B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2060B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2060B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2060B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2060B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2060B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 6
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2060B-020907
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency (Fc variation must also be accounted for with an extra ±94
kHz due to crystal variation ±40 ppm at the LO frequency)
fC
1
115.18
MHz
Insertion Loss (all BW specifications are a function of FC variation)
14
16.2
dB
Amplitude Ripple (p-p) between
(Fc-6.250 MHz to Fc-4.3925 MHz)
1.65
dB
Amplitude Ripple (p-p) between
(Fc-4.3925 MHz to Fc-2.535 MHz)
1.5
Amplitude Ripple (p-p) between
(Fc-2.535 MHz to Fc-0.025 MHz)
1.5
Amplitude Ripple (p-p) between
(Fc+0.025 MHz to Fc+2.535 MHz)
1.6
Amplitude Ripple (p-p) between
(Fc+2.5350 MHz to Fc+4.3925 MHz)
1.5
Amplitude Ripple (p-p) between
(Fc+4.3925 MHz to Fc+6.250 MHz)
1.5
Pass Bandwidth of -1.5 dB
13.5
MHz
Pass Bandwidth of -3 dB
14.5
Low side Attenuation
Fc < (Fc -16.5 MHz)
34
dB
Low side Attenuation between:
(Fc -16.5 MHz)....(Fc -10.5 MHz)
32
High side Attenuation between:
(Fc +9.0 MHz)....(Fc +16.5 MHz) (-15~85°C)
24
High side Attenuation between:
(Fc +9.0 MHz)....(Fc +16.5 MHz) (-40~-15°C)
18
High side Attenuation
Fc > (Fc +16.5 MHz)
33
Temperature Coefficient of Frequency
-18
ppm/°C
Delay Ripple (p-p) between
(Fc -6.250 MHz to Fc-4.3925 MHz) SAT1A
150
ns
(Fc -4.3925 MHz to Fc-2.535 MHz) SAT2A
180
(Fc -2.535 MHz to Fc-0.025 MHz) TERA
120
(Fc +0.025 MHz to Fc+2.535 MHz) TERB
120
(Fc +2.535 MHz to Fc+4.3925 MHz) SAT2B
120
(Fc +4.3925 MHz to Fc+6.25 MHz) SAT1B
120
Operating Temperature Range
TA
1
-40
+85
°C
Differential Input and Output Impedance
L & C Match to 200 ohms
Case Style
6
SMP-03 7 x 5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, S=shift) See note 4
RFM SF2060B YYWWS
SMP-03
Designed for SDARS Receiver IF Application
Low Insertion Loss
5.0 X 7.0 mm Surface-Mount Case
Differential Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Temperature
260°C for 30 s
115.18 MHz
SAW Filter
SF2060B
Notes:
1.
Unless noted otherwise, all specifications apply over the operating temperature
range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nom-
inal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the pass-
band. Rejection in final user application is dependent on PCB layout and exter-
nal impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject
to change.
5.
Tape and Reel Standard Per ANSI / EIA 481.
6.
US and international patents may apply.
7.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of
RF Monolithics, Inc.
8.
©Copyright 1999, RF Monolithics Inc.
Electrostatic Sensitive Device. Observe precautions for handling.
Pb


Similar Part No. - SF2060B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2060B RFM-SF2060B Datasheet
242Kb / 6P
   Designed for SDARS Receiver IF Application
SF2060B-1 RFM-SF2060B-1 Datasheet
166Kb / 6P
   Designed for SDARS Receiver IF Application
logo
Murata Manufacturing Co...
SF2060B-1 MURATA-SF2060B-1 Datasheet
166Kb / 6P
   115.18 MHz SAW Filter
logo
Galaxy Semi-Conductor H...
SF2060BC BILIN-SF2060BC Datasheet
173Kb / 3P
   Super Fast Rectifier
More results

Similar Description - SF2060B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2060B-1 MURATA-SF2060B-1 Datasheet
166Kb / 6P
   115.18 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com