Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48820 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM48820
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM48820_14 Datasheet HTML 2Page - Texas Instruments LM48820_14 Datasheet HTML 3Page - Texas Instruments LM48820_14 Datasheet HTML 4Page - Texas Instruments LM48820_14 Datasheet HTML 5Page - Texas Instruments LM48820_14 Datasheet HTML 6Page - Texas Instruments LM48820_14 Datasheet HTML 7Page - Texas Instruments LM48820_14 Datasheet HTML 8Page - Texas Instruments LM48820_14 Datasheet HTML 9Page - Texas Instruments LM48820_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
T
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
T
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
FREQUENCY (Hz)
1k
20
1
10
10k
0.1
0.01
0.001
20k
100
LM48820
SNAS370A – MAY 2007 – REVISED JUNE 2007
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 1.6V, RL = 16Ω, Stereo, PO = 3mW
VDD = 1.6V, RL = 32Ω, Stereo, PO = 3mW
Figure 4.
Figure 5.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 16Ω, Stereo, PO = 25mW
VDD = 3V, RL = 32Ω, Stereo, PO = 25mW
Figure 6.
Figure 7.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, RL = 16Ω, One channel, PO = 60mW
VDD = 3V, RL = 32Ω, One channel, PO = 50mW
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM48820


Similar Part No. - LM48820_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48820TM/NOPB TI1-LM48820TM/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TMX/NOPB TI1-LM48820TMX/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM48820_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com