Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6648 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 2Page - Sipex Corporation SP6648 Datasheet HTML 3Page - Sipex Corporation SP6648 Datasheet HTML 4Page - Sipex Corporation SP6648 Datasheet HTML 5Page - Sipex Corporation SP6648 Datasheet HTML 6Page - Sipex Corporation SP6648 Datasheet HTML 7Page - Sipex Corporation SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation SP6648 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Date: 6/7/06 Rev B
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
4.900
4.920
4.940
4.960
4.980
5.000
5.020
5.040
5.060
5.080
5.100
0
100
200
300
400
500
Iload (mA)
Vi=4.2V
Vi=3.2V
Vi=2.6V
Vi=2.0V
Vi=1.6V
Vi=1.0V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vi=4.2V
Vi=3.2V
Vi=2.6V
Vi=2.0V
Vi=1.6V
Vi=1.0V
Efficiency vs. Current Load, V
OUT=5.0V
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin (V)
No Load Battery Current, V
OUT=3.3V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
Efficiency vs. Load Current, V
OUT=3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the Typical Application Circuit on page 1, TAMB=+25°C.
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
0
100
200
300
400
500
ILOAD(mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
Line/Load Rejection vs. Load Current, V
OUT = 3.3V
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
Vin (V)
Line/Load Rejection vs. Load Current, V
OUT = 5.0V
No Load Battery Current, V
OUT=5.0V


Similar Part No. - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
   Ultra-low Quiescent Current
logo
Sipex Corporation
SP6648EB SIPEX-SP6648EB Datasheet
125Kb / 4P
   Evaluation Board Manual
SP6648ER SIPEX-SP6648ER Datasheet
262Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
More results

Similar Description - SP6648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
   Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6649 SIPEX-SP6649 Datasheet
139Kb / 9P
   Ultra-low Quiescent Current, High Efficiency Boost DC-DC Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com