Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP706R Datasheet(PDF) 6 Page - Exar Corporation

Part # SP706R
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706R Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP706R Datasheet HTML 2Page - Exar Corporation SP706R Datasheet HTML 3Page - Exar Corporation SP706R Datasheet HTML 4Page - Exar Corporation SP706R Datasheet HTML 5Page - Exar Corporation SP706R Datasheet HTML 6Page - Exar Corporation SP706R Datasheet HTML 7Page - Exar Corporation SP706R Datasheet HTML 8Page - Exar Corporation SP706R Datasheet HTML 9Page - Exar Corporation SP706R Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
6/16
Rev. 2.0.0
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP706SEN-L
-40°C≤TA≤+85°C
SP706SE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706SEN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706SEU-L
-40°C≤TA≤+85°C
706S
EXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706SEU-L/TR
-40°C≤TA≤+85°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP706TCN-L
0°C≤TA≤+70°C
SP706TC
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706TCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706TCU-L
0°C≤TA≤+70°C
706T
CXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706TCU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP706TEN-L
-40°C≤TA≤+85°C
SP706TE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706TEN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706TEU-L
-40°C≤TA≤+85°C
706T
EXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706TEU-L/TR
-40°C≤TA≤+85°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP708REN-L
-40°C≤TA≤+85°C
SP708RE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP708REN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP708SCN-L
0°C≤TA≤+70°C
SP708SC
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP708SCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP708SCU-L
0°C≤TA≤+70°C
708S
UXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP708SCU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP708SEN-L
-40°C≤TA≤+85°C
SP708SE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP708SEN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP708TCN-L
0°C≤TA≤+70°C
SP708TC
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP708TCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP708TEN-L
-40°C≤TA≤+85°C
SP706TE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP708TEN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
“YY” = Year – “WW” = Work Week – “X” = Lot Number


Similar Part No. - SP706R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706R SIPEX-SP706R Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706R SIPEX-SP706R Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706R EXAR-SP706R Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706R EXAR-SP706R Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706RCN SIPEX-SP706RCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP706R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com