Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN015-60BS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN015-60BS
Description  N-channel 60 V 14.8 m standard level MOSFET in D2PAK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN015-60BS Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN015-60BS Datasheet HTML 1Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 2Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 3Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 4Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 5Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 6Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 7Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 8Page - NXP Semiconductors PSMN015-60BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PSMN015-60BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 March 2012
2 of 13
NXP Semiconductors
PSMN015-60BS
N-channel 60 V 14.8 m
Ω standard level MOSFET in D2PAK
2.
Pinning information
[1]
It is not possible to make connection to pin 2
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT404 (D2PAK)
2
D
drain[1]
3S
source
mb
D
mounting base; connected to drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN015-60BS
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads
(one lead cropped)
SOT404
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
60
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 175 °C; RGS =20kΩ
-60
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 100 °C; see Figure 1
-36
A
VGS =10V; Tmb = 25 °C; see Figure 1
-50
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb =25°C;
see Figure 3
-
201
A
Ptot
total power dissipation
Tmb = 25 °C; see Figure 2
-86
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Tsld(M)
peak soldering temperature
-
260
°C
Source-drain diode
IS
source current
Tmb =25°C
-
50
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
201
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
VGS =10V; Tj(init) =25°C; ID =50 A;
Vsup ≤ 60 V; RGS =50 Ω; unclamped
-44
mJ


Similar Part No. - PSMN015-60BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN015-60BS NEXPERIA-PSMN015-60BS Datasheet
801Kb / 13P
   N-channel 60 V 14.8 mΩ standard level MOSFET in D2PAK
Rev. 2 - 1 March 2012
logo
NXP Semiconductors
PSMN015-60BS PHILIPS-PSMN015-60BS_15 Datasheet
219Kb / 13P
   N-channel 60 V 14.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
More results

Similar Description - PSMN015-60BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN015-60BS PHILIPS-PSMN015-60BS_15 Datasheet
219Kb / 13P
   N-channel 60 V 14.8 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN015-60BS NEXPERIA-PSMN015-60BS Datasheet
801Kb / 13P
   N-channel 60 V 14.8 mΩ standard level MOSFET in D2PAK
Rev. 2 - 1 March 2012
logo
NXP Semiconductors
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN1R7-60BS PHILIPS-PSMN1R7-60BS_15 Datasheet
235Kb / 14P
   N-channel 60 V 2 m standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN7R6-60BS PHILIPS-PSMN7R6-60BS_15 Datasheet
229Kb / 14P
   N-channel 60 V 7.8 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN4R6-60BS PHILIPS-PSMN4R6-60BS Datasheet
216Kb / 15P
   N-channel 60 V, 4.4 m standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN015-60PS NEXPERIA-PSMN015-60PS Datasheet
802Kb / 14P
   N-channel 60 V 14.8 mΩ standard level MOSFET
Rev. 3 - 23 June 2011
logo
NXP Semiconductors
PSMN4R6-60BS PHILIPS-PSMN4R6-60BS_15 Datasheet
216Kb / 15P
   N-channel 60 V, 4.4 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN3R0-60BS NXP-PSMN3R0-60BS Datasheet
213Kb / 15P
   N-channel 60 V 3.2 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com