Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN4R5-40BS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN4R5-40BS
Description  N-channel 40 V 4.5 m standard level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R5-40BS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN4R5-40BS Datasheet HTML 2Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 3Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 4Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 5Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 6Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 7Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 8Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 9Page - NXP Semiconductors PSMN4R5-40BS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PSMN4R5-40BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 22 March 2012
6 of 15
NXP Semiconductors
PSMN4R5-40BS
N-channel 40 V 4.5 m
Ω standard level MOSFET in D2PAK
7.
Characteristics
Table 7.
Characteristics
Tested to JEDEC standards where applicable.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown voltage ID = 250 µA; VGS =0V; Tj = -55 °C
36
--V
ID = 250 µA; VGS =0V; Tj = 25 °C
40
--V
VGS(th)
gate-source threshold voltage
ID =1mA; VDS =VGS; Tj =-55 °C;
see Figure 11; see Figure 12
--4.6
V
ID =1mA; VDS =VGS; Tj =175 °C;
see Figure 11; see Figure 12
1
--V
ID =1mA; VDS =VGS; Tj =25 °C;
see Figure 11; see Figure 12
234V
IDSS
drain leakage current
VDS =40V; VGS =0V; Tj = 25 °C
-
0.02
3
µA
VDS =40V; VGS =0V; Tj = 125 °C
-
-
60
µA
IGSS
gate leakage current
VGS =20V; VDS =0V; Tj = 25 °C
-
10
100
nA
VGS =-20 V; VDS =0V; Tj = 25 °C
-
10
100
nA
RDSon
drain-source on-state resistance VGS =10V; ID =25A; Tj =175 °C;
see Figure 13; see Figure 5
-
7.41
8.7
VGS =10V; ID =25A; Tj =100 °C;
see Figure 13; see Figure 5
-5.5
6.5
m
VGS =10V; ID =25A; Tj =25°C;
see Figure 5
-
3.79
4.5
m
RG
internal gate resistance (AC)
f = 1 MHz
-
0.97
-
Dynamic characteristics
QG(tot)
total gate charge
ID =0A; VDS =0 V; VGS =10V
-
35
-
nC
ID =25A; VDS =20V; VGS =10V;
see Figure 14; see Figure 15
-
42.3
-
nC
QGS
gate-source charge
-
13.8
-
nC
QGS(th)
pre-threshold gate-source
charge
-7.9
-nC
QGS(th-pl)
post-threshold gate-source
charge
-5.9
-nC
QGD
gate-drain charge
-
8.8
-
nC
VGS(pl)
gate-source plateau voltage
ID =25A; VDS =20V; see Figure 14;
see Figure 15
-4.8
-V
Ciss
input capacitance
VDS =20V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; see Figure 16
-
2683
-
pF
Coss
output capacitance
-
660
-
pF
Crss
reverse transfer capacitance
-
290
-
pF
td(on)
turn-on delay time
VDS =20V; RL =0.5 Ω; VGS =10 V;
RG(ext) =4.7 Ω
-19
-ns
tr
rise time
-
23
-
ns
td(off)
turn-off delay time
-
30
-
ns
tf
fall time
-9
-ns


Similar Part No. - PSMN4R5-40BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN4R5-40BS NEXPERIA-PSMN4R5-40BS Datasheet
817Kb / 15P
   N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
More results

Similar Description - PSMN4R5-40BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R5-40BS PHILIPS-PSMN4R5-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN4R5-40BS NEXPERIA-PSMN4R5-40BS Datasheet
817Kb / 15P
   N-channel 40 V 4.5 mΩ standard level MOSFET in D2PAK
Rev. 1 - 22 March 2012
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R8-40BS NXP-PSMN2R8-40BS Datasheet
222Kb / 15P
   N-channel 40 V 2.9 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
PSMN2R2-40BS PHILIPS-PSMN2R2-40BS_15 Datasheet
220Kb / 15P
   N-channel 40 V 2.2 m standard level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN8R0-40BS NEXPERIA-PSMN8R0-40BS Datasheet
973Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN1R1-40BS PHILIPS-PSMN1R1-40BS_15 Datasheet
228Kb / 14P
   N-channel 40 V 1.3 m廓 standard level MOSFET in D2PAK
Rev. 2-29 February 2012
PSMN8R0-40BS PHILIPS-PSMN8R0-40BS_15 Datasheet
232Kb / 14P
   N-channel 40 V 7.6 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com