Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42556 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE42556
Description  UltraCMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42556 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE42556 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42556 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
PE42556
Page 5 of 10
Document No. 70-0289-06 │ www.psemi.com
©2009-2012 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
Figure 6. Evaluation Board Layouts
Peregrine Specification 101/0402
Figure 7. Evaluation Board Schematic
Peregrine Specification 102/0478
The SPDT switch EK Board was designed to ease
customer evaluation of Peregrine's PE42556 (dual
use with PE42554). The RF Common port is
connected through a 50 ohm transmission line via
the top SMA connector, J1. RF1 and RF2 are
connected through 50 ohm transmission lines via
SMA connectors J3, and J2, respectively. A
through 50 ohm transmission line is available via
SMA connectors J4 and J5. This transmission line
can be used to estimate the loss of the PCB over
the environmental conditions being evaluated.
The board is constructed of a four metal layers
with a total thickness of 62 mils. The top and
bottom layers are ROGERS RO4003 material with
an 8 mil core and Er = 3.55. The middle layers
provide ground for the transmission lines. The RF
transmission lines were designed using a coplanar
waveguide with ground plane model using a trace
width of 15 mils, and trace gaps of 10 mils.
X
General Comments
--
Transmission lines connected to J1, J2, and J3 should
have exactly the same electrical length.
J4 to J5.
NOTES:
1. USE 101-0402-02 PCB
should have the same length as J4 and J5 and be in parallel to
The path from J2 to J3 including the distance through the part
6
RFC
8
RF1
4
RF2
U1
PE42554
1
CTL
3
LS
5
NC
7
VDD
2
GND
4
GND
6
GND
8
GND
9
VSS
11
GND
10
GND
12
GND
J9
HEADER, 12 PIN
1
2
J3
1
2
J2
1
2
J5
1
2
J4
1
2
J1


Similar Part No. - PE42556

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42556 PSEMI-PE42556 Datasheet
308Kb / 10P
   UltraCMOS SPDT RF Switch
PE42556DI-Z PSEMI-PE42556DI-Z Datasheet
331Kb / 9P
   Product Brief PE42556 Flip Chip
logo
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556_15 Datasheet
308Kb / 10P
   SPDT RF Switch
More results

Similar Description - PE42556

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720 Datasheet
390Kb / 11P
   UltraCMOS
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
   UltraCMOS
PE4150 PEREGRINE-PE4150 Datasheet
579Kb / 10P
   UltraCMOS
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
   UltraCMOS
PE42422 PEREGRINE-PE42422 Datasheet
361Kb / 13P
   UltraCMOS
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
   UltraCMOS
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com