Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42552 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE42552
Description  SPDT UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42552 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE42552 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42552 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
PE42552
Page 4 of 9
©2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0246-03
│ UltraCMOS™ RFIC Solutions
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0123456789
Frequency [GHz]
3.0 V
3.3 V
3.6 V
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
01234
56789
Frequency [GHz]
RF1 Path
RF2 Path
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
01
23
4
5
67
8
9
Frequency [GHz]
+25deg C
+85deg C
-40deg C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
01
23
4
5
67
8
9
Frequency [GHz]
3.0 V
3.3 V
3.6 V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
01
23
45
67
89
Frequency [GHz]
+25deg C
+85deg C
-40deg C
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
01
234
567
89
Frequency [GHz]
+25deg C
+85deg C
-40deg C
Figure 9. Isolation: Active Port to
Isolated Port @ 3.3 V
Figure 8. Insertion Loss: RFX @ 25 °C
Figure 6. Nominal Insertion Loss: RF1, RF2
Figure 7. Insertion Loss: RFX @ 3.3 V
Performance Plots: Temperature = 25 °C, VDD = 3.3 V unless otherwise indicated
Figure 10. Isolation: Active Port to
Isolated Port @ 25 °C
Figure 11. Isolation: RFC to Isolated Port @ 3.3 V


Similar Part No. - PE42552

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42552MLIB PEREGRINE-PE42552MLIB Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE42552MLIB-Z PEREGRINE-PE42552MLIB-Z Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
More results

Similar Description - PE42552

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
326Kb / 9P
   SPDT UltraCMOS
PE4245 PEREGRINE-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com