Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4259 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE4259
Description  SPDT High Power UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4259 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE4259 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4259 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE4259
Page 6 of 11
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0134-10 │ UltraCMOS™ RFIC Solutions
T-line Description
--
Model = CPWG
H = 28 mils
T= 2.1 mils
W= 47 mils
G= 30 mils
Er = 4.4
General Comments
--
Transmission lines connected to J1, J2, and J3 should
have exactly the same electrical length.
The path from J2 to J3 including the distance through the part
should have the same length as J4 and J5 and be in parallel to
J4 to J5.
SEEASSYNOTE2
SEEASSYNOTE2
J7
CNTL
1
J3
RF2
R1
1 KOhm
R2
1 KOhm
1
J5
N/A
1
J4
N/A
1
J2
RF1
J6
CNTLX/VDD
2
GND
1
RF_1
3
RF_2
4
CTRL
5
RFC
6
VDD
U1
PE4259/SC70-6
1
J1
RFC
C1
0.5pF
C2
0.5pF
Figure 6. Evaluation Board Schematic
NOTES:
1. USEPCBPARTNUMBER: 101-0162-02.
SOLDERC1 SIDE1 TO THERFTRACECLOSETO THEJ1 PIN.
SOLDERC1 SIDE2 TO C2 SIDE1.
SOLDERC2 SIDE2 TO GROUND.
2. ADD TWO 0.5PFCAPSIN SERIESTO BESHUNTED ON THEJ1 SMA INPUT.
102/0218-02


Similar Part No. - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
   75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
395Kb / 3P
   75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results

Similar Description - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259_14 Datasheet
1,021Kb / 11P
   SPDT High Power UltraCMOS?
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com