Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVDUCD270 Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # NVDUCD270
Description  metal oxide varistor disc type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVDUCD270 Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  NVDUCD270 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVDUCD270 Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVDUCD270 Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVDUCD270 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
KOA Speer:
NVD05UCD022 NVD05UCD027 NVD05UCD033 NVD05UCD039 NVD05UCD047 NVD05UCD056
NVD05UCD068 NVD05UCD082 NVD05UCD100 NVD05UCD120 NVD05UCD150 NVD05UCD200 NVD05UCD220
NVD05UCD240 NVD05UCD270 NVD05UCD330 NVD05UCD360 NVD05UCD390 NVD05UCD430
NVD05UCD470 NVD07UCD022 NVD07UCD027 NVD07UCD033 NVD07UCD039 NVD07UCD047 NVD07UCD056
NVD07UCD068 NVD07UCD082 NVD07UCD100 NVD07UCD120 NVD07UCD150 NVD07UCD200
NVD07UCD220 NVD07UCD240 NVD07UCD270 NVD07UCD330 NVD07UCD360 NVD07UCD390 NVD07UCD430
NVD07UCD470 NVD10UCD022 NVD10UCD027 NVD10UCD033 NVD10UCD039 NVD10UCD047
NVD10UCD056 NVD10UCD068 NVD10UCD082 NVD10UCD100 NVD10UCD1100 NVD10UCD120 NVD10UCD150
NVD10UCD1800 NVD10UCD200 NVD10UCD220 NVD10UCD240 NVD10UCD270 NVD10UCD330
NVD10UCD360 NVD10UCD390 NVD10UCD430 NVD10UCD470 NVD10UCD510 NVD10UCD620 NVD10UCD750
NVD10UCD780 NVD10UCD820 NVD10UCD910 NVD14UCD022 NVD14UCD027 NVD14UCD033
NVD14UCD039 NVD14UCD047 NVD14UCD056 NVD14UCD068 NVD14UCD082 NVD14UCD100 NVD14UCD120
NVD14UCD150 NVD14UCD1800 NVD14UCD200 NVD14UCD220 NVD14UCD240 NVD14UCD270
NVD14UCD330 NVD14UCD360 NVD14UCD390 NVD14UCD430 NVD14UCD470 NVD14UCD510 NVD14UCD620
NVD14UCD750 NVD14UCD780 NVD14UCD820 NVD14UCD910 NVD20UCD200 NVD20UCD220
NVD20UCD240 NVD20UCD270 NVD20UCD330


Similar Part No. - NVDUCD270

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NVD EDI-NVD Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-1 EDI-NVD-1 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-12 EDI-NVD-12 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-2 EDI-NVD-2 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-4 EDI-NVD-4 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
More results

Similar Description - NVDUCD270

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com