Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4992SDBD Datasheet(PDF) 18 Page - Texas Instruments

Part # LM4992SDBD
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992SDBD Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM4992SDBD Datasheet HTML 14Page - Texas Instruments LM4992SDBD Datasheet HTML 15Page - Texas Instruments LM4992SDBD Datasheet HTML 16Page - Texas Instruments LM4992SDBD Datasheet HTML 17Page - Texas Instruments LM4992SDBD Datasheet HTML 18Page - Texas Instruments LM4992SDBD Datasheet HTML 19Page - Texas Instruments LM4992SDBD Datasheet HTML 20Page - Texas Instruments LM4992SDBD Datasheet HTML 21Page - Texas Instruments LM4992SDBD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
50W
50W
200W
V
OUT+
V
OUT-
200W
V
IN-
V
IN+
Differential
Output
Differential
Input
THS770012
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
THEORY OF OPERATION
GENERAL DESCRIPTION
The THS770012 is a wideband, fully differential amplifier designed and optimized specifically for driving 14-bit
and 16-bit ADCs at input frequencies up to 200MHz. This device provides high bandwidth, low distortion, and low
noise, which are critical parameters in high-speed data acquisition systems that require very high dynamic range,
such as wireless base stations and test and measurement applications. It also makes an excellent differential
amplifier for general-purpose, high-speed differential signal chain and short line-driver applications. The device
has an operating power-supply range of 4.75V to 5.5V. The THS770012 has proprietary circuitry to provide very
fast recovery from overdrive conditions and has a power-down mode for power saving. The THS770012 is
offered in a Pb-free (RoHS compliant) and green, QFN-24 thermally-enhanced package. It is characterized for
operation over the industrial temperature range of
–40°C to +85°C.
The amplifier uses two negative-feedback loops. One is for the primary differential amplifier and the other
controls the common-mode operation.
Primary Differential Amplifier
The primary amplifier of the THS770012 is a fully-differential op amp with on-chip gain setting resistors. The gain
of the device can be changed by using external components as described in Setting the Gain section below. The
nominal gain with no external connections is set to +12dB with RF = 200Ω and RG = 50Ω.
VOCM Control Loop
The output common-mode voltage is controlled through a second negative-feedback loop. The output
common-mode voltage is internally sensed and compared to the VOCM pin. The loop then works to drive the
difference, or error voltage, to zero in order to maintain the output common-mode voltage = VOCM (within the loop
gain and bandwidth of the loop). For more details on fully-differential amplifier theory and use, see application
report SLOA054, Fully-Differential Amplifiers, available for download from www.ti.com.
OPERATION
Differential to Differential
The THS770012 is a fully-differential amplifier that can be used to amplify differential input signals to differential
output signals. A basic block diagram of the circuit with nominal gain of +12dB is shown in Figure 38. The
differential input to differential output configuration gives the best performance; the signal source and load should
be balanced.
Figure 38. Differential Input to Differential Output Amplifier
18
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Similar Part No. - LM4992SDBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992SDBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com