Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT2004 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NVT2004
Description  Bidirectional voltage-level translator for open-drain and push-pull applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NVT2004 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NVT2004 Datasheet HTML 7Page - NXP Semiconductors NVT2004 Datasheet HTML 8Page - NXP Semiconductors NVT2004 Datasheet HTML 9Page - NXP Semiconductors NVT2004 Datasheet HTML 10Page - NXP Semiconductors NVT2004 Datasheet HTML 11Page - NXP Semiconductors NVT2004 Datasheet HTML 12Page - NXP Semiconductors NVT2004 Datasheet HTML 13Page - NXP Semiconductors NVT2004 Datasheet HTML 14Page - NXP Semiconductors NVT2004 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
NVT2003_04_06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 February 2014
11 of 33
NXP Semiconductors
NVT2003/04/06
Bidirectional voltage-level translator
7.5 How to design for maximum frequency operation
The maximum frequency is limited by the minimum pulse width LOW and HIGH as well as
rise time and fall time. See Equation 1 as an example of the maximum frequency. The rise
and fall times are shown in Figure 11.
(1)
The rise and fall times are dependent upon translation voltages, the drive strength, the
total node capacitance (CL(tot)) and the pull-up resistors (RPU) that are present on the bus.
The node capacitance is the addition of the PCB trace capacitance and the device
capacitance that exists on the bus. Because of the dependency of the external
components, PCB layout and the different device operating states the calculation of rise
and fall times is complex and has several inflection points along the curve.
The main component of the rise and fall times is the RC time constant of the bus line when
the device is in its two primary operating states: when device is in the ON state and it is
low-impedance, the other is when the device is OFF isolating the A-side from the B-side.
A description of the fall time applied to either An or Bn output going from HIGH to LOW is
as follows. Whichever side is asserted first, the B-side down must discharge to the VCC(A)
voltage. The time is determined by the pull-up resistor, pull-down driver strength and the
Table 8.
Pull-up resistor minimum values, 15 mA driver sink current for PCA9306 and NVT20xx
A-side
B-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.0 V
Rpu(A) = 147 
Rpu(B) = 147 
Rpu(A) =169 
Rpu(B) =169 
Rpu(A) = 191 
Rpu(B) = 191 
Rpu(A) = none
Rpu(B) =178 
Rpu(A) = none
Rpu(B) = 237 
Rpu(A) = none
Rpu(B) =365 
1.2 V
Rpu(A) =182 
Rpu(B) =182 
Rpu(A) = 205 
Rpu(B) = 205 
Rpu(A) = none
Rpu(B) =178 
Rpu(A) = none
Rpu(B) = 237 
Rpu(A) = none
Rpu(B) =365 
1.5 V
Rpu(A) = 221 
Rpu(B) = 221 
Rpu(A) = none
Rpu(B) =174 
Rpu(A) = none
Rpu(B) = 232 
Rpu(A) = none
Rpu(B) =357 
1.8 V
Rpu(A) =294 
Rpu(B) =294 
Rpu(A) = none
Rpu(B) = 232 
Rpu(A) = none
Rpu(B) =357 
2.5 V
Rpu(A) = 392 
Rpu(B) = 392 
Rpu(A) = none
Rpu(B) =357 
3.3 V
Rpu(A) = none
Rpu(B) =348 
Fig 11. An example waveform for maximum frequency
f
max
1
t
LOW min

t
HIGH min

t
r actual

t
f actual

++
+
-------------------------------------------------------------------------------------------------------------
=
002aag912
tr(actual)
tf(actual)
GND
VOL
VIL
VIH
VCC
tHIGH(min)
tLOW(min)
1 / fmax
0.9 × VCC
0.1 × VCC


Similar Part No. - NVT2004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NVT2004 NXP-NVT2004 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - NVT2004

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com