Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVDUCD033 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # NVDUCD033
Description  metal oxide varistor disc type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

NVDUCD033 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  NVDUCD033 Datasheet HTML 1Page - KOA Speer Electronics, Inc. NVDUCD033 Datasheet HTML 2Page - KOA Speer Electronics, Inc. NVDUCD033 Datasheet HTML 3Page - KOA Speer Electronics, Inc. NVDUCD033 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NVD
metal oxide varistor disc type
applications and ratings (continued)
environmental applications
Type
a.c. r.m.s.
(v)
Maximum Allowable
Voltage
d.c.
(v)
V5A
Max. (2ms)
Energy
V25A
lp (A)
Max. Peak
Current
(2 pulses)
E (J)
Clamping
Voltage
Varistor
Voltage
Vc Ic =
0.1mA (V)
NVD10UC - NVD10UBC*
Max. (2ms)
Energy
lp (A)
E (J)
NVD14UC**
V10A V50A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Max. (2ms)
Energy
lp (A)
E (J)
NVD20UC
V100A
Clamping
Voltage
Max. Peak
Current
(2 pulses)
Add disk diameter
* Manufacturing range of NVD10UBC is varistor voltages 22 - 270
** NVD14C100 is applied
NVD
UCD510 474 - 561
320
410
67.0
––
845
136.0
––
845
––
––
NVD
UCD620 577 - 682
380
505
67.0
–– 1025
136.0
–– 1025
273
1025
NVD
UCD680 637 - 748
420
560
67.0
–– 1120
136.0
–– 1120
273
1120
NVD
UCD750 697 - 825
460
615
70.0
–– 1240
150.0
–– 1240
300
6500
1240
NVD
UCD780 737 - 858
485
640
70.0
2500
–– 1290
150.0
4500
–– 1290
300
1290
NVD
UCD820 767 - 902
510
670
80.0
–– 1355
165.0
–– 1355
325
1355
NVD
UCD910 857 - 1000
550
745
90.0
–– 1500
180.0
–– 1500
360
1500
NVD
UCD1100 1070 - 1210
680
895
110.0
–– 1815
––
––
––
––
––
––
NVD
UCD1800 1700 - 1980
1000
1465
183.0
–– 2970
360.0
–– 2970
––
––
––
Performance Characteristics
Parameter
Requirement ∆ V±%
Test Method
Rapid Change of Temperature
Solderability
-40°C (30 minutes)/ +125°C (30 minutes), 5 cycles, except NVD20UCD
-40°C (30 minutes)/ +85°C (30 minutes), 5 cycles: NVD20UCD
230°C ± 5°C, 5 seconds ± 0.5 second /
250°C ± 5°C, 5 seconds ± 0.5 second (Pb free)
No abnormality in appearance
95% coverage minimum
Varistor Voltage
Voltage between terminals when
the specified current is flowed
Within specified tolerance
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
No abnormality in appearance
Maximum Peak Current
Rated impulse current of (T=8/20µs), positive/negative applied once each
±10%
High Temperature Life
with d.c. Bias
85°C ± 5°C, Vc=(Vd.c.) 1000h
Load: maximum allowable circuit voltage (d.c.)
±10%
High Temperature & High
Humidity Life with Bias
80°C ± 5°C, 95% RH, 1000h
±5%
High Temperature Storage Life
125°C ± 5°C, 1000h
±5%
Low Temperature Storage Life
-40°C ± 5°C, 1000h
±5%
±10%
High Temperature Life
with a.c. Bias
85°C ± 5°C, Vc=(Va.c.r.m.s.) 1000h
Load: maximum allowable circuit voltage (d.c.)
Ic
Type
0.1mA NVD05UCD
1mA
NVD07UCD - NVD20UCD
273
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/11
For Typical Characteristics Graphs see Environmental Applications. Additional environmental applications can also be found at www.koaspeer.com


Similar Part No. - NVDUCD033

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NVD EDI-NVD Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-1 EDI-NVD-1 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-12 EDI-NVD-12 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-2 EDI-NVD-2 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
NVD-4 EDI-NVD-4 Datasheet
50Kb / 2P
   NIGHT VISION H.V. RECTIFIER DIODES & ARRAYS
More results

Similar Description - NVDUCD033

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NVD05U KOA-NVD05U Datasheet
104Kb / 3P
   metal oxide varistor disc type
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
   metal oxide varistor disc type
logo
RFE international
JVR10N180M87 RFE-JVR10N180M87 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 10mm Disc
JVR-20N180M RFE-JVR-20N180M Datasheet
194Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR07N180M65 RFE-JVR07N180M65 Datasheet
127Kb / 1P
   METAL OXIDE VARISTOR 7mm Disc
JVR20N180M11 RFE-JVR20N180M11 Datasheet
150Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc
JVR05N180M65Y RFE-JVR05N180M65Y Datasheet
111Kb / 1P
   METAL OXIDE VARISTOR 5mm Disc
JVR14N180M87 RFE-JVR14N180M87 Datasheet
129Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc
JVR14S180M87 RFE-JVR14S180M87 Datasheet
181Kb / 1P
   METAL OXIDE VARISTOR 14mm Disc HIGH SURGE
JVR20S180M11 RFE-JVR20S180M11 Datasheet
168Kb / 1P
   METAL OXIDE VARISTOR 20mm Disc HIGH SURGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com