Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0900SC Datasheet(PDF) 2 Page - StarHope

Part # P0900SC
Description  P thyristor for circuit protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

P0900SC Datasheet(HTML) 2 Page - StarHope

  P0900SC Datasheet HTML 1Page - StarHope P0900SC Datasheet HTML 2Page - StarHope P0900SC Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DO-214AA (SMB J-Bend)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.073 (1.85)
0.193 (4.90)
0.160 (4.06)
0.102 (2.6)
0.083 (2.1)
0.220 (5.59)
0.195 (4.95)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
P Device (S series)
DO-214AA P solid state protection devices protect telecommunications equipment such as
modems, line cards, fax machines, and other CPE.
P devices are used to enable equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly known as FCC Part 68).
Electrical Parameters
Part
Number *
VRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P0080S_
6
25
4
5
800
2.2
50
50-125
P0300S_
25
40
4
5
800
2.2
15
0
70-175
P0640S_
58
77
4
5
800
2.2
150
55-140
P0720S_
65
88
4
5
800
2.2
150
55-140
P0900S_
75
98
4
5
800
2.2
150
55-140
P2300S_
190
260
4
5
800
2.2
1
50
45-115
P2600S_
220
300
4
5
800
2.2
150
40-100
P3100S_
275
350
4
5
800
2.2
150
35-90
P3500S_
320
400
4
5
800
2.2
150
30-75
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
Thermal Considerations
Package
DO-214AA
Symbol
Parameter
Value
Unit
TJ
Operating Junction
Temperature
-40 to +150
°C
TS
Storage
Temperature Range
-65 to +150
°C
RBJA
Thermal
Resistance:
Junction to Ambient
90
°C/W
26
* For individual “SA”, “SB”, and “SC”surge ratings, see table below
Thyristor/SMB Series
REV.2014.05.01
02 | www.spsemi.cn
0.012 (0.3) MAX.


Similar Part No. - P0900SC

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P0900SC TECCOR-P0900SC Datasheet
423Kb / 2P
   SIDACtor Device
logo
Littelfuse
P0900SC LITTELFUSE-P0900SC Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P0900SC HUAXINAN-P0900SC Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0900SC SOCAY-P0900SC Datasheet
356Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
SUNMATE electronic Co.,...
P0900SC SUNMATE-P0900SC Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
More results

Similar Description - P0900SC

ManufacturerPart #DatasheetDescription
logo
StarHope
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
P0080EA SPSEMI-P0080EA Datasheet
640Kb / 3P
   P thyristor for circuit protection
SMA SPSEMI-SMA Datasheet
741Kb / 3P
   P thyristor for circuit protection
logo
HuaXinAn Electronics CO...
P0080SALRP HUAXINAN-P0080SALRP_14 Datasheet
673Kb / 8P
   Protection Thyristor
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
logo
HuaXinAn Electronics CO...
P0080EAL HUAXINAN-P0080EAL_14 Datasheet
617Kb / 7P
   Protection Thyristor
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
PRF18BA471QB5RB MURATA-PRF18BA471QB5RB Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
logo
HuaXinAn Electronics CO...
P3500LA HUAXINAN-P3500LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
P2300LA HUAXINAN-P2300LA_V01 Datasheet
327Kb / 4P
   SIDACtor Protection Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com