Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKD18A Datasheet(PDF) 3 Page - StarHope

Part # PKD18A
Description  Glass passiated junction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKD18A Datasheet(HTML) 3 Page - StarHope

  PKD18A Datasheet HTML 1Page - StarHope PKD18A Datasheet HTML 2Page - StarHope PKD18A Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Soldering Parameters
Physical Specifications
Peak Pulse Power Rating Curve
Pulse Derating Curve
Typical Junction Capacitance
Power Derating Curve
Pulse Waveform
Maximum Non-repetitive Forward Surge
03 | www.spsemi.cn
REV.2014.05.01
AUTO TVS/PKD(8KW) Series
100
1000
10000
100000
1
10
100
1000
5
10
200
Measured at
Stand-off
Vottage,
Measured at
Zero Bias
TJ = 25°C
f = 1MHZ
Vsig = 50mVp-p
V(br) ,Breakdown voltage,volts
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
4.0
50
Half Value- IPPM
2
100
3.0
0
t - Time(ms)
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
TA - Ambient Temperatur(°C)
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (°C)
0.375" (9.5mm)
Lead Lengths
0.8x0.8x0.040"(20x20mm)
Copper Heat Sinks
0
2
4
6
8
60Hz
Resistive or Inductive Load
0.1
1
10
100
1000
0.000001
0.000010.0001
0.001
t
d-Pulse Width (Sec.)


Similar Part No. - PKD18A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PKD01 AD-PKD01 Datasheet
402Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01 AD-PKD01 Datasheet
398Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01AY AD-PKD01AY Datasheet
402Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01EP AD-PKD01EP Datasheet
402Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
PKD01EY AD-PKD01EY Datasheet
402Kb / 18P
   Monolithic Peak Detector with Reset-and-Hold Mode
REV. A
More results

Similar Description - PKD18A

ManufacturerPart #DatasheetDescription
logo
StarHope
PKG-C SPSEMI-PKG-C Datasheet
273Kb / 2P
   Glass passiated junction
PKM-AB SPSEMI-PKM-AB Datasheet
257Kb / 2P
   Glass passiated junction
PKN-AB SPSEMI-PKN-AB Datasheet
255Kb / 2P
   Glass passiated junction
PKG-AB SPSEMI-PKG-AB Datasheet
253Kb / 2P
   Glass passiated junction
PKE-C SPSEMI-PKE-C Datasheet
289Kb / 2P
   Glass passiated junction
PKE-AB SPSEMI-PKE-AB Datasheet
253Kb / 2P
   Glass passiated junction
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com