Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9401-13 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9401-13
Description  Off-line Controllers for LED Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9401-13 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9401-13 Datasheet HTML 9Page - Torex Semiconductor XC9401-13 Datasheet HTML 10Page - Torex Semiconductor XC9401-13 Datasheet HTML 11Page - Torex Semiconductor XC9401-13 Datasheet HTML 12Page - Torex Semiconductor XC9401-13 Datasheet HTML 13Page - Torex Semiconductor XC9401-13 Datasheet HTML 14Page - Torex Semiconductor XC9401-13 Datasheet HTML 15Page - Torex Semiconductor XC9401-13 Datasheet HTML 16Page - Torex Semiconductor XC9401-13 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
XC9401
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Supply Current vs. VDD Voltage
(2) Supply Current vs. Ambient Temperature
(3) Stand-by Current vs. VDD Voltage
(4) Stand-by Current vs. Ambient Temperature
(6) EN/DIM Bias Current vs. Ambient Temperature
(5) EN/DIM Bias Current vs. EN/DIM Voltage
(7) ISEN Voltage vs. Ambient Temperature
XC9401
0
50
100
150
200
250
300
1
3
5
7
9
111315
V
DD Voltage [V]
Ta=-40℃
Ta=25℃
Ta=85℃
VENDIM=VDD, VISEN=GND
VSINE=5.5V(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401
0
50
100
150
200
250
300
1
3
5
7
9
111315
V
DD Voltage [V]
Ta=-40℃
Ta=25℃
Ta=85℃
VENDIM=GND, VISEN=GND
VSINE=GND(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401
0
4
8
12
16
20
13
5
7
9
11
13
15
EN/DIM Voltage [V]
Ta=-40℃
Ta=25℃
Ta=85℃
VDD=13V, ISEN=GND
VSINE=5.5V(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401
200
220
240
260
280
-50
-25
0
25
50
75
100
Ambient Temperature : Ta [℃]
VDD=15V, VENDIM=VDD, VISEN=GND
VSINE=5.5V(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401
180
200
220
240
260
-50
-25
0
25
50
75
100
Ambient Temperature : Ta [℃]
VDD=15V, VENDIM=GND, VISEN=GND
VSINE=0V(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401
6
8
10
12
14
16
-50
-25
0
255075
100
Ambient Temperature : Ta [℃]
VDD=13V, VEN/DIM=13V, VISEN=GND
VSINE=5.5V(Type A) or VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)
XC9401A605MR
0.2450
0.2550
0.2650
0.2750
0.2850
0.2950
-50
-25
0
25
50
75
100
Ambient Temperature : Ta [℃]
VDD=13V, VENDIM=VDD
VSINE=1.0V(Type A)
CVDD=10μF(TMK316BJ106KL-T)
XC9401B605MR
0.3350
0.3400
0.3450
0.3500
0.3550
0.3600
-50
-25
0
25
50
75
100
Ambient Temperature : Ta [℃]
VDD=13V, VENDIM=VDD
VNF=GND(Type B)
CVDD=10μF(TMK316BJ106KL-T)


Similar Part No. - XC9401-13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401B605MR-G TOREX-XC9401B605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401B605MR-G TOREX-XC9401B605MR-G Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
More results

Similar Description - XC9401-13

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401 TOREX-XC9401_13 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401_15 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
   Off-line Controllers for LED Lighting
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Power Integrations, Inc...
LYT0002 POWERINT-LYT0002 Datasheet
2Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
LYT0002 POWERINT-LYT0002_V01 Datasheet
1Mb / 18P
   Lowest Component Count, Off-Line Switcher IC for Non-Isolated LED Lighting Applications
June 2015
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
   For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com