Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6802-12 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6802-12
Description  800mA Single Cell Li-ion Battery Linear Charger IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802-12 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6802-12 Datasheet HTML 6Page - Torex Semiconductor XC6802-12 Datasheet HTML 7Page - Torex Semiconductor XC6802-12 Datasheet HTML 8Page - Torex Semiconductor XC6802-12 Datasheet HTML 9Page - Torex Semiconductor XC6802-12 Datasheet HTML 10Page - Torex Semiconductor XC6802-12 Datasheet HTML 11Page - Torex Semiconductor XC6802-12 Datasheet HTML 12Page - Torex Semiconductor XC6802-12 Datasheet HTML 13Page - Torex Semiconductor XC6802-12 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/21
XC6802 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3)定電圧モード特性例
(4)充電完了電圧 - 周囲温度特性例
XC6802A42X
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4.24
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=5V, IBAT=40mA, RSEN=10kΩ
XC6802A42X
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4.24
-50
-25
0
25
50
75
100
周囲温度 Ta(℃)
VIN=5V, IBAT=200mA, RSEN=2kΩ
XC6802A42X
4.00
4.05
4.10
4.15
4.20
4.25
50
60
70
80
90
100
110
バッテリー電流 IBAT(mA)
-40℃
25℃
85℃
VIN=5V, RSEN=10kΩ
XC6802A42X
4.00
4.05
4.10
4.15
4.20
4.25
250
300
350
400
450
500
550
バッテリー電流 IBAT(mA)
-40℃
25℃
85℃
VIN=5V, RSEN=2kΩ
XC6802A42X
4.00
4.05
4.10
4.15
4.20
4.25
50
60
70
80
90
100
110
バッテリー電流 IBAT(mA)
VIN=4.5V
VIN=5.0V
VIN=5.5V
VIN=6.0V
RSEN=10kΩ
XC6802A42X
4.00
4.05
4.10
4.15
4.20
4.25
250
300
350
400
450
500
550
バッテリー電流 IBAT(mA)
VIN=4.5V
VIN=5.0V
VIN=5.5V
VIN=6.0V
RSEN=2kΩ
(3) Battery Voltage vs. Battery Current
Battery Current: IBAT (mA)
Battery Current: IBAT (mA)
Battery Current: IBAT (mA)
Battery Current: IBAT (mA)
(4) Charge Termination Voltage vs. Ambient Temperature
Ambient Temperature: Ta (℃)
Ambient Temperature: Ta (℃)


Similar Part No. - XC6802-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802 TOREX-XC6802 Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6802A42X4R-G TOREX-XC6802A42X4R-G Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER TOREX-XC6802A42XER Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6802A42XER TOREX-XC6802A42XER Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER-G TOREX-XC6802A42XER-G Datasheet
356Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6802-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com