Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6801-12 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6801-12
Description  1 Cell Li-ion Battery Linear Charger IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6801-12 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6801-12 Datasheet HTML 5Page - Torex Semiconductor XC6801-12 Datasheet HTML 6Page - Torex Semiconductor XC6801-12 Datasheet HTML 7Page - Torex Semiconductor XC6801-12 Datasheet HTML 8Page - Torex Semiconductor XC6801-12 Datasheet HTML 9Page - Torex Semiconductor XC6801-12 Datasheet HTML 10Page - Torex Semiconductor XC6801-12 Datasheet HTML 11Page - Torex Semiconductor XC6801-12 Datasheet HTML 12Page - Torex Semiconductor XC6801-12 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
XC6801
Series
TYPICAL PERFORMANCE CHARACTERISITCS
(1)充電サイクル特性例
(2)定電流モード特性例
XC6801A421
0
20
40
60
80
100
120
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
バッテリー電圧 VBAT(V)
-40℃
25℃
85℃
VIN=5V, VLim=0V
XC6801A421
0
100
200
300
400
500
600
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
バッテリー電圧 VBAT(V)
-40℃
25℃
85℃
VIN=VLim=5V
XC6801A421
0
20
40
60
80
100
120
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
バッテリー電圧 VBAT(V)
VIN=4.5V
VIN=5.0V
VIN=5.5V
VIN=6.0V
VLim=0V
XC6801A421
0
100
200
300
400
500
600
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
バッテリー電圧 VBAT(V)
VIN=4.5V
VIN=5.0V
VIN=5.5V
VIN=6.0V
VLim=VIN
XC6801A421
0
100
200
300
400
500
600
700
800
900
1000
0
0.3
0.6
0.9
1.2
1.5
充電時間 Time (hour)
3.00
3.30
3.60
3.90
4.20
4.50
バッテリー電圧
バッテリー電流
VIN=VLim=5V, CIN=1.0μF
420mAh Battery
XC6801A421
0
100
200
300
400
500
600
700
800
900
1000
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
充電時間 Time (hour)
3.00
3.30
3.60
3.90
4.20
4.50
バッテリー電圧
バッテリー電流
VIN=VLim=5V, CIN=1.0μF
850mAh Battery
(1) Charge Cycle
(2) Battery Current vs. Battery Voltage
Battery Voltege
Battery Current
Battery Voltege
Battery Current
Charge Time (hour)
Charge Time (hour)
Battery Voltage: VBAT (V)
Battery Voltage: VBAT (V)
Battery Voltage: VBAT (V)
Battery Voltage: VBAT (V)


Similar Part No. - XC6801-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
397Kb / 18P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results

Similar Description - XC6801-12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
   Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
   800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com