Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXTC-HE73SJ Datasheet(PDF) 3 Page - Fox Electronics

Part # FXTC-HE73SJ
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73SJ Datasheet(HTML) 3 Page - Fox Electronics

  FXTC-HE73SJ Datasheet HTML 1Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 2Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 3Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 4Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 5Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 6Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 7Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 8Page - Fox Electronics FXTC-HE73SJ Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 3 of 3
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
Electrical Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Frequency Range
Fo
0.75 to 250.000 MHz*
Initial Frequency Tolerance
Ta=25°C (after 2 reflows)
±2 PPM
Frequency Stability over Temp
(ref 25C)
0°C to +70°C
-30°C to +80°C
-40°C to +85°C
±5, 2.5, 1.5, 1 PPM
±5, 2.5, 1.5 PPM
±5, 2.5 PPM
Frequency Stability Over Voltage
Change
(VDD+-5%)
±0.5 PPM
Frequency Stability Over Load
Change
(CL+-10%)
±0.2 PPM
Aging per Year
±1 PPM
Temperature Range
TO
TSTG
Standard operating
Extended option
Storage
0°C to +70°C
-30°C to +80°C
-40°C to +85°C
-55°C to +125°C
Supply Voltage
VDD
Standard
3.3 V ± 5%
Input Current
IDD
15pF Load - All frequencies
0.75 ~ 20 MHz
20+ ~ 50 MHz
50+ ~ 130 MHz
130+ ~ 200 MHz
200+ ~ 250 MHz
40 mA
43 mA
55 mA
63 mA
68 mA
Output Load
HCMOS
Standard
Optional To 125 MHz
15 pF
30 pF
Start-Up Time
TS
10 mS
Output Enable / Disable Time
100 nS
.
*Not all frequencies may be available.
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +4.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
125°C
ESD Sensitivity
HBM
Human Body Model
1 kV


Similar Part No. - FXTC-HE73SJ

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73SJ

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com