Electronic Components Datasheet Search |
|
FXO-MC520R Datasheet(PDF) 6 Page - Fox Electronics |
|
FXO-MC520R Datasheet(HTML) 6 Page - Fox Electronics |
6 / 15 page FXO-LC52 Series Page 6 of 15 © 2008 FOX ELECTRONICS | ISO9001:2000 Certified NOTE: XPRESSO LVDS XOs are designed to fit on Industry Standard, 6 pad layouts Pin Description and Recommended Circuit Pin # Name Type Function 1 E / D 1 Logic Enable / Disable Control of Output (0 = Disabled) 2 NC No Connection – Leave OPEN 3 GND Ground Electrical Ground for VDD 4 Output Output LVDS Oscillator Output 5 Output 2 Output Complementary LVDS Output 6 VDD 2 Power Power Supply Source Voltage NOTES: 1 Includes pull-up resistor to VDD to provide output when the pin (1) is No Connect. 2 Installation should include a 0.01µF bypass capacitor placed between VDD (Pin 6) and GND (Pin 3) to minimize power supply line noise. E / D VDD NC Output 2 GND Output Terminations as viewed from the Top Enable / Disable Control Pin # 1 (state) Output (Pin # 4, Pin # 5) OPEN (No Connection) ACTIVE Output “1” Level VIH ≥ 70% VDD ACTIVE Output “0” Level VIL ≤ 30% VDD High Impedance 3 1 4 6 Soldering Reflow Profile (2 times Maximum at 260°C for 10 seconds MAX) 25°C 160°C 180°C 225°C 260°C 10 Seconds Max within 5°C of 260°C peak Ramp Down Not to exceed 6°C/s Ramp-Up 3°C/s Max p t 120 ± 20 Seconds In Pre-heating Area Above 225°C Reflow Area 50±10 Seconds 400 Seconds MAX from +25°C to 260°C peak 2 5 # 5 # 2 N C GND # 3 # 4 E/D # 1 # 6 0.01 F VDD OUTPUT 2 100 OUTPUT |
Similar Part No. - FXO-MC520R |
|
Similar Description - FXO-MC520R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |