Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-LC516R Datasheet(PDF) 1 Page - Fox Electronics

Part # FXU-LC516R
Description  LVDS 5 x 3.2mm 1.8V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-LC516R Datasheet(HTML) 1 Page - Fox Electronics

  FXU-LC516R Datasheet HTML 1Page - Fox Electronics FXU-LC516R Datasheet HTML 2Page - Fox Electronics FXU-LC516R Datasheet HTML 3Page - Fox Electronics FXU-LC516R Datasheet HTML 4Page - Fox Electronics FXU-LC516R Datasheet HTML 5Page - Fox Electronics FXU-LC516R Datasheet HTML 6Page - Fox Electronics FXU-LC516R Datasheet HTML 7Page - Fox Electronics FXU-LC516R Datasheet HTML 8Page - Fox Electronics FXU-LC516R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY SPECIFICATIONS
Model: FXU-LC51 SERIES
Page 1 of 11
Fox Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554
An Integrated Device Technology, Inc. company FOXonline.com
LVDS 5 x 3.2mm 1.8V Oscillator
Freq: 0.016 MHz to 1.0 GHz*
Applications
 ANY application requiring a high
performance LVDS oscillator
 SONET
 Ethernet
 Storage Area Network
 Broadband Access
 Microprocessors / DSP / FPGA
 Industrial Controllers
 Test and Measurement Equipment
Contents
page
Model Selection & Part Number Guide
2
Electrical Characteristic
3
Absolute Maximums
3
Output Wave Characteristics
4
Phase Noise
5
Jitter
5
Pin Assignment
6
Recommended Circuit
6
Reflow
6
Mechanical Drawing and Pad Layout
7
Tape and Reel Specification
8
Label
8
Traceability – LOT Number & Serial Identification 9
Mechanical Test
10
Other XPRESSO Series Links
11
Fox Contact Information
11
Description
The Fox XPRESSO-ULTRA Crystal Oscillator is a
breakthrough in configurable Frequency Control
Solutions. XPRESSO-ULTRA utilizes a family of
proprietary ASICs, designed and developed by Fox,
with a key focus on noise reduction technologies.
The 4
th order Delta Sigma Modulator reduces noise to
the levels that are comparable to traditional Bulk
Quartz and SAW oscillators. The ASICs family has
the ability to select the output type and supply
voltage.
With the XPRESSO-ULTRA lead-time, low cost, low
noise, wide frequency range, excellent ambient
performance, XPRESSO-ULTRA is an excellent choice
over the conventional technologies.
Finished XPRESSO-ULTRA parts are 100% final
tested.
OUTPUT
Enable / Disable
V
GND
DD
For more information -- Click on the drawing
PRESS
X
FOX
ASICs
O
Rev. 02/13/2014
Features
ULTRA Low Jitter
Low Cost
XPRESS Delivery
Frequency Resolution to six decimal places
Stabilities to ±
20 PPM
-20 to +70°C or -40 to +85°C operating temperatures
Tri-State Enable / Disable Feature
Industry Standard Package, Footprint & Pin-Out
Fully RoHS compliant
Gold over Nickel Termination Finish
Serial ID with Comprehensive Traceability
Note * – Higher frequencies are available.
Contact Fox Technical Support for details.


Similar Part No. - FXU-LC516R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC520R FOX-FXU-LC520R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC525R FOX-FXU-LC525R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC526R FOX-FXU-LC526R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC528R FOX-FXU-LC528R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXU-LC516R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com