Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXTC-HE73LC Datasheet(PDF) 9 Page - Fox Electronics

Part # FXTC-HE73LC
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73LC Datasheet(HTML) 9 Page - Fox Electronics

Back Button FXTC-HE73LC Datasheet HTML 3Page - Fox Electronics FXTC-HE73LC Datasheet HTML 4Page - Fox Electronics FXTC-HE73LC Datasheet HTML 5Page - Fox Electronics FXTC-HE73LC Datasheet HTML 6Page - Fox Electronics FXTC-HE73LC Datasheet HTML 7Page - Fox Electronics FXTC-HE73LC Datasheet HTML 8Page - Fox Electronics FXTC-HE73LC Datasheet HTML 9Page - Fox Electronics FXTC-HE73LC Datasheet HTML 10Page - Fox Electronics FXTC-HE73LC Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 9 of 9
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
LOT Number
The LOT Number has direct ties to the customer purchase order. The LOT Number is marked on the “Reel”
label, and also stored internally on non-volatile memory inside the XPRESSO-TC part. XPRESSO-TC parts
that are shipped Tape and Reel, are also placed in an Electro Static Discharge (ESD) bag and will have the
LOT Number labeled on the exterior of the ESD bag.
It is recommended that the XPRESSO-TC parts remain in this ESD bag during storage for protection and
identification.
If the parts become separated from the label showing the LOT Number, it can be retrieved from inside one of
the parts, and the information that can be obtained is listed below:
 Customer Purchase Order Number
 Internal Fox Sales Order Number
 Dates that the XPRESSO-TC part was shipped from the factory
 The assigned customer part number
 The specification that the part was designed for
Serial Identification
The Serial ID is the individualized information about the configuration of that particular XpressO-TC part.
The Serial ID is unique for each and every XPRESSO-TC -TC part, and can be read by special Fox
equipment.
With the Serial ID, the below information can be obtained about that individual, XPRESSO-TC part:
 Equipment that the XPRESSO-TC part was configured on
 Raw material used to configure the XPRESSO-TC part
 Traceability of the raw material back to the foundries manufacturing lot
 Date and Time that the part was configured
 Any optimized electrical parameters based on customer specifications
 Electrical testing of the actual completed part
 Human resource that was monitoring the configuration of the part
Fox has equipment placed at key Fox locations World Wide to read the Lot Identification and Serial Number
of any XPRESSO-TC part produced and can then obtain the information from above within 24 hour
Traceability – LOT Number & Serial Identification


Similar Part No. - FXTC-HE73LC

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73LC

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com