Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-LC515R Datasheet(PDF) 8 Page - Fox Electronics

Part # FXU-LC515R
Description  LVDS 5 x 3.2mm 1.8V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-LC515R Datasheet(HTML) 8 Page - Fox Electronics

Back Button FXU-LC515R Datasheet HTML 3Page - Fox Electronics FXU-LC515R Datasheet HTML 4Page - Fox Electronics FXU-LC515R Datasheet HTML 5Page - Fox Electronics FXU-LC515R Datasheet HTML 6Page - Fox Electronics FXU-LC515R Datasheet HTML 7Page - Fox Electronics FXU-LC515R Datasheet HTML 8Page - Fox Electronics FXU-LC515R Datasheet HTML 9Page - Fox Electronics FXU-LC515R Datasheet HTML 10Page - Fox Electronics FXU-LC515R Datasheet HTML 11Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-LC51 Series
Page 8 of 11
© 2014 FOX ELECTRONICS | ISO9001:2000 Certified
An Integrated Device Technology, Inc. company
An additional identification code is contained internally if tracking should ever be necessary
Tape and Reel Dimensions
Labeling
(Reels and smaller packaging are labeled with the below)
 Fox Part Number: 854B-622.08-3
 Quantity:
2000
pieces
LOT #
24435
If traceability should become necessary
 Date Code
1335
(YYWW 2013 35
th wk)
854B-622.08-3
Ø1.5mm
4.0mm
8.0mm
7.5mm
16mm
2.15mm
12mm
5.5mm
1335
Description: FXU-LC515R-622.08
FXU-LC515R-622.08
2.0
255.0
13.5
80.0
2.0
Ø13.0
Ø21.0
120°
Ø21.0
Ø13.0
13.5
2.0
178.0
62.0
2.0
2.0
2k Reel Dimensions
1k Reel Dimensions
in mm
in mm


Similar Part No. - FXU-LC515R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC520R FOX-FXU-LC520R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC525R FOX-FXU-LC525R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC526R FOX-FXU-LC526R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC528R FOX-FXU-LC528R Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
More results

Similar Description - FXU-LC515R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FVXO-LC52 FOX-FVXO-LC52 Datasheet
332Kb / 15P
   LVDS 5 x 3.2mm 2.5V VCXO
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com