Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-HC520R Datasheet(PDF) 4 Page - Fox Electronics

Part # FXU-HC520R
Description  HCMOS 5 x 3.2mm 2.5V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-HC520R Datasheet(HTML) 4 Page - Fox Electronics

  FXU-HC520R Datasheet HTML 1Page - Fox Electronics FXU-HC520R Datasheet HTML 2Page - Fox Electronics FXU-HC520R Datasheet HTML 3Page - Fox Electronics FXU-HC520R Datasheet HTML 4Page - Fox Electronics FXU-HC520R Datasheet HTML 5Page - Fox Electronics FXU-HC520R Datasheet HTML 6Page - Fox Electronics FXU-HC520R Datasheet HTML 7Page - Fox Electronics FXU-HC520R Datasheet HTML 8Page - Fox Electronics FXU-HC520R Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-HC52 Series
Page 4 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Low Output Voltage
VOL
0.016 MHz to 167 MHz
10%VDD
High Output Voltage
VOH
0.016 MHz to 167 MHz
90%VDD Minimum
Output Symmetry
@ 50% VDD Level (See Drawing Below)
0.016 to 62.5 MHz
62.5+ to 167 MHz
45% ~ 55%
40% ~ 60%
Output Enable (PIN # 1) Voltage
VIH
≥ 70% VDD
Output Disable (PIN # 1) Voltage
VIL
≤ 30% VDD
Cycle Rise Time
(10%~90%VDD - See Drawing Below)
TR
0.016 to 167 MHz
2.0 nS Typical
Cycle Fall Time
(90%~10%VDD - See Drawing Below)
TF
0.016 to 167 MHz
1.0 nS Typical
20% to 80%
10% to 90%
0V to V
Rise Time
10% - 90%
90% - 10%
Fall Time
Times
80 - 20
50% V
On Time
Off Time
1/2 Period
Period
Ideally, Symmetry should be 50/50 -- Other expressions are 45/55 or 55/45
1/2 Period
Rise Time / Fall Time Measurements
Oscillator Symmetry
70 - 30
Times
30% to 70%
DD
DD


Similar Part No. - FXU-HC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC510R FOX-FXU-LC510R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC515R FOX-FXU-LC515R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC516R FOX-FXU-LC516R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC518R FOX-FXU-LC518R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
More results

Similar Description - FXU-HC520R

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FVXO-HC52 FOX-FVXO-HC52 Datasheet
342Kb / 15P
   HCMOS 5 x 3.2mm 2.5V VCXO
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC53 FOX-FXO-HC53 Datasheet
364Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-200 ETC2-FXO-HC536R-200 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
logo
Fox Electronics
FXO-HC536R-30 FOX-FXO-HC536R-30 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_PC52 FOX-FXO_PC52 Datasheet
344Kb / 15P
   LVPECL 5 x 3.2mm 2.5V Oscillator
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-PC52 FOX-FXU-PC52 Datasheet
647Kb / 11P
   LVPECL 5 x 3.2mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com