Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXTC-HE73 Datasheet(PDF) 6 Page - Fox Electronics

Part # FXTC-HE73
Description  7 x 5mm 3.3V TCXO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXTC-HE73 Datasheet(HTML) 6 Page - Fox Electronics

Back Button FXTC-HE73 Datasheet HTML 2Page - Fox Electronics FXTC-HE73 Datasheet HTML 3Page - Fox Electronics FXTC-HE73 Datasheet HTML 4Page - Fox Electronics FXTC-HE73 Datasheet HTML 5Page - Fox Electronics FXTC-HE73 Datasheet HTML 6Page - Fox Electronics FXTC-HE73 Datasheet HTML 7Page - Fox Electronics FXTC-HE73 Datasheet HTML 8Page - Fox Electronics FXTC-HE73 Datasheet HTML 9Page - Fox Electronics FXTC-HE73 Datasheet HTML 10Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Model: FXTC-HE73 Series
Preliminary
Page 6 of 6
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
Doc #100909
A
An
n IIn
ntte
eg
grra
atte
ed
d D
De
ev
viic
ce
e T
Te
ec
ch
hn
no
ollo
og
gy
y,, IIn
nc
c.. C
Co
om
mp
pa
an
ny
y
Pin Description and Recommended Circuit
Pin #
Name
Type
Function
1
E / D
1
Control
Enable / Disable Control of Output (0 = Disabled)
2
GND
Ground
Electrical Ground for VDD
3
Output
Output
HCMOS Oscillator Output
4
VDD
2
Power
Power Supply Source Voltage
NOTES:
1
Includes pull-up resistor to VDD to provide output when the pin (1) is No Connect.
2
Installation should include a 0.01µF bypass capacitor placed between VDD
(Pin 4) and GND (Pin 2) to minimize power supply line noise.
E / D
VDD
N. C.
N. C.
GND
Output
Terminations as viewed from the Top
Enable / Disable Control
Pin # 1 (state)
Output (Pin # 3)
OPEN (No Connection)
ACTIVE Output
“1” Level VIH ≥ 70% VDD
ACTIVE Output
“0” Level VIL ≤ 30% VDD
High Impedance
Soldering Reflow Profile (2 times Maximum at 260°C for 10 seconds MAX)
25°C
160°C
180°C
225°C
260°C
10 Seconds Max
within 5°C of 260°C peak
Ramp Down
Not to exceed 6°C/s
Ramp-Up
3°C/s Max
p
t
120 ± 20 Seconds
In Pre-heating Area
Above 225°C Reflow Area
50±10 Seconds
400 Seconds MAX from +25°C to 260°C peak
2
1
3
4
TP
TP


Similar Part No. - FXTC-HE73

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
FXT000158 ASI-FXT000158 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Advanced Semiconductor
FXT0D0158REV.B ASI-FXT0D0158REV.B Datasheet
2Mb / 5P
   Silicon MOSFET Technology
More results

Similar Description - FXTC-HE73

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
   LVPECL 7 x 5mm 3.3V VCXO
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-HC73 FOX-FVXO-HC73 Datasheet
365Kb / 15P
   HCMOS 7 x 5mm 3.3V VCXO
FXO-LC736R-100 FOX-FXO-LC736R-100 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
FVXO-LC73 FOX-FVXO-LC73 Datasheet
333Kb / 15P
   LVDS 7 x 5mm 3.3V VCXO
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
   LVPECL 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
   HCMOS 7 x 5mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-LC736R-200 ETC2-FXO-LC736R-200 Datasheet
335Kb / 15P
   LVDS 7 x 5mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com