Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOX922CE-GP Datasheet(PDF) 2 Page - Fox Electronics

Part # FOX922CE-GP
Description  1.8V ~ 3.3V SMD TCXO for GPS Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX922CE-GP Datasheet(HTML) 2 Page - Fox Electronics

  FOX922CE-GP Datasheet HTML 1Page - Fox Electronics FOX922CE-GP Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2011 FOX ELECTRONICS | ISO9001:2008 Certified
1.8V ~ 3.3V SMD TCXO for GPS Applications
1.8V ~ 3.3V SMD TCXO for GPS Applications
Rev. 1/25/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX922-GP SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FOX922-GP
A
∅1.5
B
4.0
C
4.0
D
3.5
E
8.0
F
1.4
STD Reel QTY
3,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
∅13
I
∅21
J
∅60
K
∅180
L
9.0
M
2.0
MODEL
FOX922-GP


Similar Part No. - FOX922CE-GP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX922B FOX-FOX922B Datasheet
230Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922B FOX-FOX922B Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922BE FOX-FOX922BE Datasheet
230Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922BE FOX-FOX922BE Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922D FOX-FOX922D Datasheet
230Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
More results

Similar Description - FOX922CE-GP

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
   SMD TCXO/VCTCXO for GPS Applications
logo
Golledge Electronics Lt...
GTXO-93T GOLLEDGE-GTXO-93T Datasheet
593Kb / 5P
   1.8V ~ 3.6V SM TCXO for GPS
GTXO-93 GOLLEDGE-GTXO-93 Datasheet
173Kb / 2P
   1.8V - 3.6V SM TCXO for GPS
logo
Fox Electronics
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
   1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
logo
Golledge Electronics Lt...
GTXO-253T GOLLEDGE-GTXO-253T Datasheet
582Kb / 5P
   1.8V ~ 3.6V Ultra-tight Stability TCXO for GPS
logo
QUARTZCOM the communica...
TX7-302C QUARTZCOM-TX7-302C Datasheet
232Kb / 1P
   SMD TCXO CMOS Applications: mobile communications, GPS
VT7-302C QUARTZCOM-VT7-302C Datasheet
101Kb / 1P
   SMD VC-TCXO CMOS Applications: mobile communications, GPS
logo
Golledge Electronics Lt...
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
   1.8V - 3.3V SM TCXO Clipped Sine
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922GE FOX-FOX922GE Datasheet
230Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com