Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSS53SDGR Datasheet(PDF) 3 Page - Fox Electronics

Part # FSS53SDGR
Description  SMD Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSS53SDGR Datasheet(HTML) 3 Page - Fox Electronics

  FSS53SDGR Datasheet HTML 1Page - Fox Electronics FSS53SDGR Datasheet HTML 2Page - Fox Electronics FSS53SDGR Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
Rev. 12/9/2008
RoHs compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: Fss53 series
Page3of3
HcMOs 5x3.2mm 3.3V sMD Oscillator
Spread Spectrum
• tAPE sPEciFicAtiOns (millimeters)
MODEl
FSS53 Series
A
1.5
b
4.0
c
8.0
D
5.5
E
12.0
F
1.4
STD Reel QTY
1,000
• REEl sPEciFicAtiOns (millimeters)
G
2.0
H
13
i
21
J
62
K
180
l
12.2
M
1.6
MODEl
FSS53 Series


Similar Part No. - FSS53SDGR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
logo
Pepperl+Fuchs Inc.
FSS58 PF-FSS58 Datasheet
276Kb / 5P
   Singleturn absolute encoder
More results

Similar Description - FSS53SDGR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
   SMD Oscillator
FSS73 FOX-FSS73 Datasheet
216Kb / 3P
   SMD Oscillator
logo
Kingtronics Internation...
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
   SMD OSCILLATOR
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M_14 Datasheet
139Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-2018 ECS-ECS-2018 Datasheet
247Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-3951M-BN ECS-ECS-3951M-BN Datasheet
125Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-3951M-AU ECS-ECS-3951M-AU Datasheet
125Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-8F ECS-ECS-8F Datasheet
35Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-8FX ECS-ECS-8FX Datasheet
133Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-LVDS25 ECS-ECS-LVDS25 Datasheet
225Kb / 2P
   SMD LVDS OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com