Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1DMPPA23 Datasheet(PDF) 4 Page - Texas Instruments

Part # L1DMPPA23
Description  OMAP-L137 Low-Power Applications Processor
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

L1DMPPA23 Datasheet(HTML) 4 Page - Texas Instruments

  L1DMPPA23 Datasheet HTML 1Page - Texas Instruments L1DMPPA23 Datasheet HTML 2Page - Texas Instruments L1DMPPA23 Datasheet HTML 3Page - Texas Instruments L1DMPPA23 Datasheet HTML 4Page - Texas Instruments L1DMPPA23 Datasheet HTML 5Page - Texas Instruments L1DMPPA23 Datasheet HTML 6Page - Texas Instruments L1DMPPA23 Datasheet HTML 7Page - Texas Instruments L1DMPPA23 Datasheet HTML 8Page - Texas Instruments L1DMPPA23 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 222 page
background image
Switched Central Resource (SCR)
BOOT ROM
256KB L2 RAM
32KB
L1 RAM
32KB
L1 Pgm
16KB
I-Cache
16KB
D-Cache
AET
4KB ETB
C674x
DSP CPU
ARM926EJ-S CPU
With MMU
DSP Subsystem
ARM Subsystem
JTAG Interface
System Control
Input
Clock(s)
64KB ROM
8KB RAM
(Vector Table)
Power/Sleep
Controller
Memory
Protection
Pin
Multiplexing
RTC/
32-kHz
OSC
PLL/Clock
Generator
w/OSC
General-
Purpose
Timer
General-
Purpose
Timer
(Watchdog)
Serial Interfaces
I C
(2)
2
SPI
(2)
UART
(3)
Audio Ports
McASP
w/FIFO
(3)
DMA
Peripherals
Display
Internal Memory
LCD
Ctlr
128KB
RAM
External Memory Interfaces
Connectivity
EDMA3
Control Timers
eHRPWM
(3)
eCAP
(3)
eQEP
(2)
(10/100)
EMAC
(RMII)
MDIO
USB1.1
OHCI Ctlr
PHY
USB2.0
OTG Ctlr
PHY
HPI
MMC/SD
(8b)
EMIFA(8b/16B)
NAND/Flash
16b SDRAM
EMIFB
SDRAM Only
(16b/32b)
GPIO
PRU
Subsystem
OMAP-L137
SPRS563G – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
1.4
Functional Block Diagram
Note: Not all peripherals are available at the same time due to multiplexing.
Figure 1-1. OMAP-L137 Functional Block Diagram
4
OMAP-L137 Low-Power Applications Processor
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L137


Similar Part No. - L1DMPPA23

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
L1D SAMYANG-L1D Datasheet
918Kb / 2P
   SCHOTTKY BARRIE R RECTIFIERS
More results

Similar Description - L1DMPPA23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com