Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1PMPPA27 Datasheet(PDF) 6 Page - Texas Instruments

Part # L1PMPPA27
Description  OMAP-L137 Low-Power Applications Processor
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

L1PMPPA27 Datasheet(HTML) 6 Page - Texas Instruments

Back Button L1PMPPA27 Datasheet HTML 2Page - Texas Instruments L1PMPPA27 Datasheet HTML 3Page - Texas Instruments L1PMPPA27 Datasheet HTML 4Page - Texas Instruments L1PMPPA27 Datasheet HTML 5Page - Texas Instruments L1PMPPA27 Datasheet HTML 6Page - Texas Instruments L1PMPPA27 Datasheet HTML 7Page - Texas Instruments L1PMPPA27 Datasheet HTML 8Page - Texas Instruments L1PMPPA27 Datasheet HTML 9Page - Texas Instruments L1PMPPA27 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 222 page
background image
OMAP-L137
SPRS563G – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS563F device-specific data
manual to make it an SPRS563G revision.
Scope: Applicable updates to the OMAP-L137 Low-Power Applications Processor device family,
specifically relating to the OMAP-L137 device, which are all now in the production data (PD) stage of
development, have been incorporated.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Turned on Navigation Icons on top of first page.
Updated Features, Applications, and Description for consistency and translation.
Global
Moved Trademarks information from first page to within Section 7, Device and Documentation Support.
Moved ESDS Warning to within Section 7, Device and Documentation Support.
Section 1.1
Deleted Highlights section. Information was duplicated elsewhere in Features.
Features
Section 1.2
Added NEW section.
Applications
Section 1.3
Added NEW Device Information Table.
Description
Table 3-2, C674x Cache Registers:
Section 3.4.2.4
Updated/Changed REGISTER DESCRIPTION for BYTE ADDRESSES 0000, 0020, and 0040 from
C674x CPU
"...See the System reference Guide..." to "See the Technical Reference Manual..."
Table 3-20, Universal Serial Bus (USB) Terminal Functions:
Section 3.7
Updated/Changed USB0_VDDA12 DESCRIPTION from "...must always be connected via a 1
μF
Terminal Functions
capacitor..." to "...is recommended to be connected via a 0.22-
μF capacitor..."
Section 3.7.11
Universal
Table 3-15, Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions:
Asynchronous
Updated/Changed footnote from "...Applications Processor System Reference Guide - Literature Number
Receiver/Transmitter
SPRUG84..." to "...C6000 DSP+ARM Processor Technical Reference Manual (SPRUH92)..."
s (UART0, UART1,
UART2)
Section 3.7.22
Moved to within Section 3.7, Terminal Functions
Unused USB0
Table 3-26, Unused USB0 and USB1 Pin Configurations:
(USB2.0) and USB1
Updated/Changed USB0_VDDA12 Configuration by combining both Configuration columns and
(USB1.1) Pin
changing text to "Internal USB0 PHY output connected to an external..."
Configurations
Section 5.2, Handling Ratings:
Section 5
Device Operating
Split handling, ratings, and certifications from the Abs Max table and placed in NEW Handling Ratings
Conditions
table.
Section 5.4
Notes on
Table 5-1, Recommended Power-On Hours:
Recommended
Added Silicon Revision column.
Power-On Hours
(POH)
Table 6-24, EMIFA Asynchronous Memory Switching Characteristics:
Section 6.10.6
Updated/Changed the MIN, NOM, and MAX equations for NO. 3, 10, 15, and 24 from "...(EWC*16)..." to
EMIFA Electrical
"...EWC..."
Data/Timing
Section 5.3, Recommended Operating Conditions:
Added "Unless specifically indicated" to "These I/O specifications apply to ..." footnote
6
Revision History
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L137


Similar Description - L1PMPPA27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com