Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29W128GH70N3E Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29W128GH70N3E
Description  128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128GH70N3E Datasheet(HTML) 1 Page - Numonyx B.V

  M29W128GH70N3E Datasheet HTML 1Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 2Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 3Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 4Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 5Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 6Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 7Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 8Page - Numonyx B.V M29W128GH70N3E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
August 2010
Rev 11
1/94
1
M29W128GH
M29W128GL
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block)
3 V supply flash memory
Features
Supply voltage
–VCC = 2.7 to 3.6 V for program, erase, read
–VCCQ = 1.65 to 3.6 V for I/O buffers
–VPPH = 12 V for fast program (optional)
Asynchronous random/page read
– Page size: 8 words or 16 bytes
– Page access: 25, 30 ns
– Random access: 60 (only available upon
customer request) or 70, 80 ns
Fast program commands
– 32 words (64-byte write buffer)
Enhanced buffered program commands
– 256 words
Programming time
– 16 µs per byte/word typical
– Chip program time: 5 s with VPPH and 8 s
without VPPH
Memory organization
– M29128GH/L: 128 main blocks,
128 Kbytes/64 Kwords each
Program/erase controller
– Embedded byte/word program algorithms
Program/ erase suspend and resume
– Read from any block during program
suspend
– Read and program another block during
erase suspend
Unlock Bypass/Block Erase/Chip Erase/Write
to Buffer/Enhanced Buffer Program commands
– Faster production/batch programming
– Faster block and chip erase
VPP/WP pin for fast program and write: protects
first or last block regardless of block protection
settings
Software protection:
– Volatile protection
– Non-volatile protection
– Password protection
Common flash interface
– 64-bit security code
128-word extended memory block
– Extra block used as security block or to
store additional information
Low power consumption
– Standby and automatic standby
Minimum 100,000 program/erase cycles per
block
RoHS compliant packages
Automotive device grade: Temperature -40 °C
to 125 °C (Automotive grade certified)
BGA
TSOP56 (N)
14 x 20 mm
FBGA (ZS)
11 x 13 mm
BGA
TBGA64 (ZA)
10 x 13 mm
Table 1.
Device summary
Root part number
Device code
M29W128GH: uniform, last block protected by VPP/WP
227Eh + 2221h + 2201h
M29W128GL: uniform, first block protected by VPP/WP
227Eh + 2221h + 2200h
www.numonyx.com


Similar Part No. - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH70N6E NUMONYX-M29W128GH70N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH70N6F NUMONYX-M29W128GH70N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128GH70N3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
logo
Numonyx B.V
M29W128FH NUMONYX-M29W128FH Datasheet
1Mb / 78P
   128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
   8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
April 2002
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com