Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F272K84Y5RR83K0. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F272K84Y5RR83K0.
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F272K84Y5RR83K0. Datasheet(HTML) 2 Page - Vishay Siliconix

  F272K84Y5RR83K0. Datasheet HTML 1Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 2Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 3Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 4Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 5Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 6Page - Vishay Siliconix F272K84Y5RR83K0. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28500
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
67
F Series
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
Vishay BCcomponents
ORDERING INFORMATION
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
500 V
100
± 10
5.0
5.0
4.0
F101K20Y5RL6.J5.
120
F121K20Y5RL6.J5.
150
F151K20Y5RL6.J5.
180
F181K20Y5RL6.J5.
220
F221K20Y5RL6.J5.
270
F271K20Y5RL6.J5.
330
F331K20Y5RL6.J5.
390
6.5
F391K25Y5RL6.J5.
470
F471K25Y5RL6.J5.
560
F561K25Y5RL6.J5.
680
F681K25Y5RL6.J5.
820
7.5
F821K29Y5RL6.J5.
1000
F102K29Y5RL6.J5.
500 V
1200
± 10
8.5
5.0
4.0
F122K33Y5RL6.J5.
1500
F152K33Y5RL6.J5.
1800
10.0
F182K39Y5RL6.J5.
2200
F222K39Y5RL6.J5.
2700
12.0
7.5
F272K47Y5RL63J7.
1kV
100
± 10
6.5
5.0
4.0
F101K25Y5RN6.J5.
120
F121K25Y5RN6.J5.
150
F151K25Y5RN6.J5.
180
F181K25Y5RN6.J5.
220
F221K25Y5RN6.J5.
270
7.5
F271K29Y5RN6.J5.
330
F331K29Y5RN6.J5.
390
F391K29Y5RN6.J5.
470
F471K29Y5RN6.J5.
560
8.5
F561K33Y5RN6.J5.
680
F681K33Y5RN6.J5.
820
10.0
F821K39Y5RN6.J5.
1000
F102K39Y5RN6.J5.
1200
11.0
F122K43Y5RN6.J5.
1500
F152K43Y5RN6.J5.
1800
12.5
7.5
F182K47Y5RN63J7.
2200
13.5
F222K53Y5RN63J7.
2700
F272K53Y5RN63J7.
3300
17.5
F332K69Y5RN63J7.
3900
F392K69Y5RN63J7.
4700
19.0
10.0
F472K75Y5RN83J0.
2kV
100
± 10
6.5
5.0
4.0
F101K25Y5RP6.K5.
120
F121K25Y5RP6.K5.
150
F151K25Y5RP6.K5.
180
7.5
F181K29Y5RP6.K5.
220
F221K29Y5RP6.K5.
270
F271K29Y5RP6.K5.
330
F331K29Y5RP6.K5.
390
8.5
F391K33Y5RP6.K5.
470
F471K33Y5RP6.K5.
560
10.0
F561K39Y5RP6.K5.


Similar Part No. - F272K84Y5RR83K0.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F272K84Y5RR83K0 VISHAY-F272K84Y5RR83K0 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F272K84Y5RR83K0.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com