Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4985 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM4985
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM4985_14 Datasheet HTML 23Page - Texas Instruments LM4985_14 Datasheet HTML 24Page - Texas Instruments LM4985_14 Datasheet HTML 25Page - Texas Instruments LM4985_14 Datasheet HTML 26Page - Texas Instruments LM4985_14 Datasheet HTML 27Page - Texas Instruments LM4985_14 Datasheet HTML 28Page - Texas Instruments LM4985_14 Datasheet HTML 29Page - Texas Instruments LM4985_14 Datasheet HTML 30Page - Texas Instruments LM4985_14 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
Volume Control Settings Binary Values
The minimum volume setting is set to –76dB when 00000 is loaded into the volume control register. Incrementing
the volume control register in binary fashion increases the volume control setting, reaching full scale at 11111.
Table 2 shows the value of the gain for each of the 32 binary volume control settings.
Table 2. Binary Values for the Different Volume Control Gain Settings
Gain
B4
B3
B2
B1
B0
18
1
1
1
1
1
17
1
1
1
1
0
16
1
1
1
0
1
15
1
1
1
0
0
14
1
1
0
1
1
13
1
1
0
1
0
12
1
1
0
0
1
10
1
1
0
0
0
8
1
0
1
1
1
6
1
0
1
1
0
4
1
0
1
0
1
2
1
0
1
0
0
0
1
0
0
1
1
–2
1
0
0
1
0
–4
1
0
0
0
1
–6
1
0
0
0
0
–8
0
1
1
1
1
–10
0
1
1
1
0
–12
0
1
1
0
1
–14
0
1
1
0
0
–16
0
1
0
1
1
–18
0
1
0
1
0
–21
0
1
0
0
1
–24
0
1
0
0
0
–27
0
0
1
1
1
–30
0
0
1
1
0
–34
0
0
1
0
1
–38
0
0
1
0
0
–44
0
0
0
1
1
–52
0
0
0
1
0
–62
0
0
0
0
1
–76
0
0
0
0
0
Revision History
Rev
Date
Description
1.0
05/17/06
Initial WEB release.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM4985 LM4985TMEVAL


Similar Part No. - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com