Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM1.2-A-C14 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # FCM1.2-A-C14
Description  Adhesive Backed Mounts and Devices Features and Benefits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FCM1.2-A-C14 Datasheet(HTML) 4 Page - PANDUIT CORP.

  FCM1.2-A-C14 Datasheet HTML 1Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 2Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 3Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 4Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 5Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 6Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 7Page - PANDUIT CORP. FCM1.2-A-C14 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Proper Installation Steps
Surface Preparation
For best results, mounts should be applied to a clean, dry, and grease-free surface. It is recommended that for each individual application,
a solvent or cleanser be used to thoroughly prepare the surface for mount installation. The following are recommended cleaning guidelines:
1. For Rubber and Acrylic-based Adhesive Foam Tape, a mixture of water and isopropyl alcohol may be used on
most surfaces.
For Two-part Epoxy Adhesive, especially on masonry surfaces, be sure to clean all loose particles away before
mount installation. Some surface abrasion is recommended on smooth surfaces to achieve maximum strength.
A light rubbing with medium grit emery cloth or sandpaper is best. Wash the surface after abrading.
2. Allow the surface to dry completely before applying the mount.
1. For proper installation of adhesive backed mounts with foam tape, remove the release liner from the foam
adhesive. Without touching the adhesive, place the mount in the desired location.
For Two-part Epoxy Adhesive Mounts, apply 1/3 of the mixed adhesive to the bottom of the
PANDUIT ® EMS or
ASMS mount. Without touching the adhesive, place the mount in the desired location.
2. Apply firm pressure for five (5) seconds to the foam tape mounts to insure proper adhesion.
Two-part Epoxy Adhesive Mounts should be twisted in place to ensure the adhesive is forced into the
porous surface.
3. Allow the mount to remain in place for the recommended dwell time for the specific adhesive being used.
The dwell time for Rubber-based Adhesive Foam Tape is two (2) hours and for Acrylic-based Adhesive Foam
Tape it is eight (8) hours.
Two-part Epoxy Adhesive Mounts can support about 5 lbs. after first fifteen (15) minutes. The adhesive fully
cures after twenty-four (24) hours and bonding strength will exceed 50 lbs.
4. The mount is now ready to be used.
Installing the Mount
Alcohol
12
6
3
9


Similar Part No. - FCM1.2-A-C14

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
FCM1005 TAI-TECH-FCM1005 Datasheet
107Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM1005KF-102T00 TAI-TECH-FCM1005KF-102T00 Datasheet
107Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM1005KF-121T01 TAI-TECH-FCM1005KF-121T01 Datasheet
107Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM1005KF-151T01 TAI-TECH-FCM1005KF-151T01 Datasheet
107Kb / 2P
   Ferrite Chip Bead(Lead Free)
FCM1005KF-221T01 TAI-TECH-FCM1005KF-221T01 Datasheet
107Kb / 2P
   Ferrite Chip Bead(Lead Free)
More results

Similar Description - FCM1.2-A-C14

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
logo
List of Unclassifed Man...
HE700 ETC2-HE700 Datasheet
486Kb / 2P
   D.I.L. Relay Features and Benefits
logo
HAMLIN Position and Mov...
59025-010 HAMLIN-59025-010 Datasheet
160Kb / 1P
   59025 Firecracker Features and Benefits
logo
List of Unclassifed Man...
59160 ETC2-59160 Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com