Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A16S-3N-2L Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A16S-3N-2L
Description  Separate Construction with Cylindrical 16-dia. Body
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A16S-3N-2L Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A16S-3N-2L Datasheet HTML 7Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 8Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 9Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 10Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 11Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 12Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 13Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 14Page - Omron Electronics LLC A16S-3N-2L Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
A165S/W
11
Dimensions • The Dimension shows 2-switch outputs. • A rectangular model is listed as an example.
(Unit: mm)
18
24
M16
×1
Mounting nut
Lock ring
Packing (t0.5)
18.5
28.3
9.5
21.1
10.8
4
20.4
4.85
0.5
12.4 18.6
6.3
0.5
18.4
Rectangular A165
@-J
PCB terminals
Note: See page 12 for panel cutouts.
• The lamp terminal is not
also provided with non-
lighted models.
6
Case
Selector
9.5
21.1
28.5
18.5
18
9.8
0.5
0.5
0.5
Direction-indication arrow
M16
×1
12.2
42.7
50.1
(22.4)
24
18
20.6
10.8
4
16.6
8.8
12.4
2.8
Switch
Mounting nut
Lock ring
Packing (t0.5)
2.8
24 min.
23 min.
16
dia.
+0.2
0
Panel Cutouts
Rectangular A165W
@-T
Reduced-voltage lighting
solder terminals
(tab terminals #110)
Mounting nut
Lock ring
Switch dismounting lever
Packing (t0.5)
27.4
(31.7)
23.5
23.9
24
9.5
18.5
48.9
24
18
M16
×1
42
10.8
6
25 min.
Panel Cutouts
33 min.
16
dia.
+0.2
0
Rectangular A165
@-2S
Screw-Less Clamp
• The lamp terminal is
also provided with non-
lighted models.


Similar Part No. - A16S-3N-2L

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A16 DBLECTRO-A16 Datasheet
317Kb / 1P
   SHROUDED HEADER IDC TYPE
logo
Micrel Semiconductor
A16 MICREL-A16 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
logo
Omron Electronics LLC
A16 OMRON-A16 Datasheet
6Mb / 28P
   Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A16S-3N-2L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com