Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F332K75Y5RP83K0. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # F332K75Y5RP83K0.
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F332K75Y5RP83K0. Datasheet(HTML) 6 Page - Vishay Siliconix

  F332K75Y5RP83K0. Datasheet HTML 1Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 2Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 3Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 4Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 5Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 6Page - Vishay Siliconix F332K75Y5RP83K0. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28500
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
71
F Series
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
Vishay BCcomponents
120
100
140
60
- 60
-40
60
80
40
20
0
0
-20
T (°C)
1 kHz
10 kHz
100 kHz
1 MHz
Typical capacitance change as a function of temperature
and frequency
140
120
80
0
20
60
40
100
1 kHz
10 kHz
100 kHz
1 MHz
0
20
40
60
80
100
120
140
T
amb (°C)
Typical dissipation factor as a function of temperature
and frequency
- 10
0
10
2
10
3
10
4
10
5
10
1
- 8
- 6
- 4
- 2
t (h)
Aging rate as a function of time


Similar Part No. - F332K75Y5RP83K0.

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F3321 ITF-F3321 Datasheet
248Kb / 7P
   SAW Bandpass Filter F3321
More results

Similar Description - F332K75Y5RP83K0.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com