Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4947 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947 Datasheet(HTML) 3 Page - Texas Instruments

  LM4947 Datasheet HTML 1Page - Texas Instruments LM4947 Datasheet HTML 2Page - Texas Instruments LM4947 Datasheet HTML 3Page - Texas Instruments LM4947 Datasheet HTML 4Page - Texas Instruments LM4947 Datasheet HTML 5Page - Texas Instruments LM4947 Datasheet HTML 6Page - Texas Instruments LM4947 Datasheet HTML 7Page - Texas Instruments LM4947 Datasheet HTML 8Page - Texas Instruments LM4947 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
4
5
RHP3D2
LHP3D2
VOC
RHP
LHP
RHP3D1
LHP3D1
CBYPASS
AVDD
GND
MIN+
MIN-
SCL
I2CVDD
LS+
SDA
LIN1
LSVDD
LIN2
GND
RIN2
RIN1
ADDR
AVDD
LS-
A
B
C
D
E
8:
LS-
Loud
Speaker
Mixer
and
Output
Mode
Select
National
3D
Volume Control
Volume Control
Volume Control
CO
32:
C O
100 PF
32:
V
DD
0.1 PF
CS1
1 PF
ceramic
CS2
+
-
MUX
Interface
I
2
C
Click/Pop
Suppression
2.2 PF
CB
CBypass
LS+
VOC
LHP
RHP
optional
capacitors
RIN2 or R
-
RIN1 or R
+
LIN1 or L
+
LIN2 or L
-
SDA
SCL
ADDR
I
2
CVDD
1 PF
1 PF
0.22 PF
0.22 PF
0.22 PF
0.22 PF
MIN+
MIN-
-59.50 dB to +18 dB
-59.50 dB to +18 dB
-59.50 dB to +18 dB
100 PF
C3DR
C 3DL
+6dB
LM4947, LM4947TLEVAL
www.ti.com
SNAS349C – JUNE 2006 – REVISED NOVEMBER 2007
Figure 2. Typical Audio Amplifier Application Circuit-Single Ended
Connection Diagram
Figure 3. 25-Bump micro SMD - Top View
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4947 LM4947TLEVAL


Similar Part No. - LM4947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947TL/NOPB TI1-LM4947TL/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
LM4947TLEVAL TI1-LM4947TLEVAL Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
More results

Similar Description - LM4947

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com