Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4941 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4941
Description  1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4941 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4941_14 Datasheet HTML 5Page - Texas Instruments LM4941_14 Datasheet HTML 6Page - Texas Instruments LM4941_14 Datasheet HTML 7Page - Texas Instruments LM4941_14 Datasheet HTML 8Page - Texas Instruments LM4941_14 Datasheet HTML 9Page - Texas Instruments LM4941_14 Datasheet HTML 10Page - Texas Instruments LM4941_14 Datasheet HTML 11Page - Texas Instruments LM4941_14 Datasheet HTML 12Page - Texas Instruments LM4941_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
SUPPLY VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2
2.5
3
3.5
4
4.5
5
5.5
6
SUPPLY VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0
400
800
1200 1400
0
100
200
300
400
500
600
700
OUTPUT POWER (mW)
200
600
1000
0
100
200
300
400
500
0
50
100
150
200
250
300
OUTPUT POWER (mW)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
DC COMMON MODE VOLTAGE (V)
0.5
1
1.5
2
2.5
3
DC COMMON MODE VOLTAGE (V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
LM4941, LM4941SDBD, LM4941TMBD
www.ti.com
SNAS347B – JUNE 2006 – REVISED MARCH 2007
Typical Performance Characteristics
(1) (continued)
PSRR
PSRR
vs
vs
Common Mode Voltage
Common Mode Voltage
VDD = 5V, RL = 8Ω, f = 217Hz
VDD = 3V, RL = 8Ω, f = 217Hz
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 5V, RL = 8Ω
VDD = 3V, RL = 8Ω
Output Power
vs
Clipping Voltage
Supply Voltage
vs
RL = 8Ω, Top-THD+N = 10%; Bot-THD+N = 1%
Supply Voltage
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4941 LM4941SDBD LM4941TMBD


Similar Part No. - LM4941_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4941SD/NOPB TI1-LM4941SD/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941SDX/NOPB TI1-LM4941SDX/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TM/NOPB TI1-LM4941TM/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941TMX/NOPB TI1-LM4941TMX/NOPB Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results

Similar Description - LM4941_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4928 NSC-LM4928 Datasheet
1,004Kb / 20P
   1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
Texas Instruments
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
logo
National Semiconductor ...
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com