Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4782TABD Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4782TABD
Description  Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4782TABD Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4782TABD Datasheet HTML 5Page - Texas Instruments LM4782TABD Datasheet HTML 6Page - Texas Instruments LM4782TABD Datasheet HTML 7Page - Texas Instruments LM4782TABD Datasheet HTML 8Page - Texas Instruments LM4782TABD Datasheet HTML 9Page - Texas Instruments LM4782TABD Datasheet HTML 10Page - Texas Instruments LM4782TABD Datasheet HTML 11Page - Texas Instruments LM4782TABD Datasheet HTML 12Page - Texas Instruments LM4782TABD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LM4782, LM4782TABD
www.ti.com
SNAS231A – MAY 2004 – REVISED MARCH 2006
Optional External Component Interaction
Although the optional external components have specific desired functions that are designed to reduce the
bandwidth and eliminate unwanted high frequency oscillations they may cause certain undesirable effects when
they interact. Interaction may occur for components whose reactances are in close proximity to one another. One
example would be the coupling capacitor, CC, and the compensation capacitor, Cf. These two components act as
low impedances to certain frequencies which will couple signals from the input to the output. Please take careful
note of basic amplifier component functionality when designing in these components.
The optional external components shown in Figure 5 and Figure 6 and described above are applicable in both
single and split voltage supply configurations.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4782 LM4782TABD


Similar Part No. - LM4782TABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 33P
[Old version datasheet]   Audio Power Amplifier Series
More results

Similar Description - LM4782TABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com