Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4734TABD Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4734TABD
Description  3 Channel 20W Audio Power Amplifier with Mute and Standby
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4734TABD Datasheet(HTML) 4 Page - Texas Instruments

  LM4734TABD Datasheet HTML 1Page - Texas Instruments LM4734TABD Datasheet HTML 2Page - Texas Instruments LM4734TABD Datasheet HTML 3Page - Texas Instruments LM4734TABD Datasheet HTML 4Page - Texas Instruments LM4734TABD Datasheet HTML 5Page - Texas Instruments LM4734TABD Datasheet HTML 6Page - Texas Instruments LM4734TABD Datasheet HTML 7Page - Texas Instruments LM4734TABD Datasheet HTML 8Page - Texas Instruments LM4734TABD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM4734, LM4734TABD
SNAS239A – MAY 2004 – REVISED MARCH 2006
www.ti.com
Electrical Characteristics
(1) (2)
The following specifications apply for V
+ = +21V, V- = −21V, and R
L = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
Symbol
Parameter
Conditions
LM4734
Units
(Limits)
Typical(3)
Limit(4)(5)
20
V (min)
|V+| + |V-|
Power Supply Voltage(6)
GND
− V- ≥ 9.5V
18
60
V (max)
AM
Mute Attenuation
VMUTE = 2.5V
110
dB
THD+N = 10% (max), f = 1kHz
PO
Output Power (RMS)
|V+| = |V-| = 17V, RL = 4Ω
20
15
W (min)
|V+| = |V-| = 21V, RL = 8Ω
20
15
W (min)
THD+N = 1% (max), f = 1kHz
|V+| = |V-| = 17V, RL = 4Ω
17
W
|V+| = |V-| = 21V, RL = 8Ω
18
W
PO = 1W, f = 1kHz
AV = 26dB
THD+N
Total Harmonic Distortion + Noise
|V+| = |V-| = 17V, RL = 4Ω
0.05
%
|V+| = |V-| = 21V, RL = 8Ω
0.03
%
PO = 10W, f = 1kHz
65
dB
Xtalk
Channel Separation(7)
PO = 10W, f = 10kHz
55
dB
SR
Slew Rate
VIN = 1.414VRMS, trise = 2ns
18
V/
μs
IDD
Total Quiescent Power Supply
VCM = 0V, VO = 0V, IO = 0A
Current
VSTANDBY = GND, Standby = Off
75
120
mA (max)
VSTANDBY = 5V, Standby = On
8
10
mA (max)
VOS
Input Offset Voltage
VCM = 0V, IO = 0mA
2.0
15
mV (max)
IB
Input Bias Current
VCM = 0V, IO = 0mA
0.2
μA
V+ = 21V + VRIPPLE (1VRMS),
75
dB
fRIPPLE = 120Hz Sine, V
-= –21V
DC
PSRR
Power Supply Rejection Ratio
V-= –21V + VRIPPLE (1VRMS),
64
dB
fRIPPLE = 120Hz Sine, V
+ = 21V
DC
AVOL
Open Loop Voltage Gain
|V+| = |V-| = 21V, RL = 2kΩ
110
dB
ΔVO = 15V
eIN
Input Noise
IHF-A-Weighting Filter,
2.0
μV
RIN = 600Ω (Input Referred)
Standby
VIL
Standby Low Input Voltage
Play Mode
0.8
V (max)
VIH
Standby High Input Voltage
Standby Mode
2.0
2.5
V (min)
Mute
VIL
Mute Low Input Voltage
Play Mode
0.8
V (max)
VIH
Mute High Input Voltage
Mute Mode
2.0
2.5
V (min)
(1)
All voltages are measured with respect to the ground pins, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Typical specifications are measured at 25°C and represent the parametric norm.
(4)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
V- must have at least - 9.5V at its pin with reference to GND in order for the under-voltage protection circuitry to be disabled. In addition,
the voltage differential between V+ and V-must be greater than 14V.
(7)
Cross talk performance was measured using the demo board shown in the datasheet. PCB layout will affect cross talk. It is
recommended that the input and output traces be separated by as much distance as possible. Return ground traces from outputs should
also be independent back to single ground point and use as wide of traces as possible.
4
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM4734 LM4734TABD


Similar Part No. - LM4734TABD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results

Similar Description - LM4734TABD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4782TABD TI1-LM4782TABD Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4782 TI1-LM4782_14 Datasheet
1Mb / 32P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
logo
National Semiconductor ...
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com