Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4675 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4675
Description  Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4675 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4675_14 Datasheet HTML 6Page - Texas Instruments LM4675_14 Datasheet HTML 7Page - Texas Instruments LM4675_14 Datasheet HTML 8Page - Texas Instruments LM4675_14 Datasheet HTML 9Page - Texas Instruments LM4675_14 Datasheet HTML 10Page - Texas Instruments LM4675_14 Datasheet HTML 11Page - Texas Instruments LM4675_14 Datasheet HTML 12Page - Texas Instruments LM4675_14 Datasheet HTML 13Page - Texas Instruments LM4675_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM4675, LM4675SDBD, LM4675TLBD
SNAS353B – AUGUST 2006 – REVISED JULY 2008
www.ti.com
APPLICATION INFORMATION
GENERAL AMPLIFIER FUNCTION
The LM4675 features a filterless modulation scheme. The differential outputs of the device switch at 300kHz from
VDD to GND. When there is no input signal applied, the two outputs (VO1 and VO2) switch with a 50% duty cycle,
with both outputs in phase. Because the outputs of the LM4675 are differential, the two signals cancel each
other. This results in no net voltage across the speaker, thus there is no load current during an idle state,
conserving power.
With an input signal applied, the duty cycle (pulse width) of the LM4675 outputs changes. For increasing output
voltages, the duty cycle of VO1 increases, while the duty cycle of VO2 decreases. For decreasing output voltages,
the converse occurs, the duty cycle of VO2 increases while the duty cycle of VO1 decreases. The difference
between the two pulse widths yields the differential output voltage.
SPREAD SPECTRUM MODULATION
The LM4675 features a fitlerless spread spectrum modulation scheme that eliminates the need for output filters,
ferrite beads or chokes. The switching frequency varies by ±30% about a 300kHz center frequency, reducing the
wideband spectral contend, improving EMI emissions radiated by the speaker and associated cables and traces.
Where a fixed frequency class D exhibits large amounts of spectral energy at multiples of the switching
frequency, the spread spectrum architecture of the LM4675 spreads that energy over a larger bandwidth. The
cycle-to-cycle variation of the switching period does not affect the audio reproduction of efficiency.
POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of useful work output divided by the total energy required
to produce it with the difference being the power dissipated, typically, in the IC. The key here is “useful” work. For
audio systems, the energy delivered in the audible bands is considered useful including the distortion products of
the input signal. Sub-sonic (DC) and super-sonic components (>22kHz) are not useful. The difference between
the power flowing from the power supply and the audio band power being transduced is dissipated in the
LM4675 and in the transducer load. The amount of power dissipation in the LM4675 is very low. This is because
the ON resistance of the switches used to form the output waveforms is typically less than 0.25
Ω. This leaves
only the transducer load as a potential "sink" for the small excess of input power over audio band output power.
The LM4675 dissipates only a fraction of the excess power requiring no additional PCB area or copper plane to
act as a heat sink.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supply voltages continue to shrink, designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted voltage swing. The LM4675 is a fully differential
amplifier that features differential input and output stages. A differential amplifier amplifies the difference between
the two input signals. Traditional audio power amplifiers have typically offered only single-ended inputs resulting
in a 6dB reduction in signal to noise ratio relative to differential inputs. The LM4675 also offers the possibility of
DC input coupling which eliminates the two external AC coupling, DC blocking capacitors. The LM4675 can be
used, however, as a single ended input amplifier while still retaining it's fully differential benefits. In fact,
completely unrelated signals may be placed on the input pins. The LM4675 simply amplifies the difference
between the signals. A major benefit of a differential amplifier is the improved common mode rejection ratio
(CMRR) over single input amplifiers. The common-mode rejection characteristic of the differential amplifier
reduces sensitivity to ground offset related noise injection, especially important in high noise applications.
PCB LAYOUT CONSIDERATIONS
As output power increases, interconnect resistance (PCB traces and wires) between the amplifier, load and
power supply create a voltage drop. The voltage loss on the traces between the LM4675 and the load results is
lower output power and decreased efficiency. Higher trace resistance between the supply and the LM4675 has
the same effect as a poorly regulated supply, increased ripple on the supply line also reducing the peak output
power. The effects of residual trace resistance increases as output current increases due to higher output power,
decreased load impedance or both. To maintain the highest output voltage swing and corresponding peak output
power, the PCB traces that connect the output pins to the load and the supply pins to the power supply should
be as wide as possible to minimize trace resistance.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD


Similar Part No. - LM4675_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results

Similar Description - LM4675_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
[Old version datasheet]   LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com