Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4666 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4666
Description  Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4666 Datasheet(HTML) 5 Page - Texas Instruments

  LM4666_14 Datasheet HTML 1Page - Texas Instruments LM4666_14 Datasheet HTML 2Page - Texas Instruments LM4666_14 Datasheet HTML 3Page - Texas Instruments LM4666_14 Datasheet HTML 4Page - Texas Instruments LM4666_14 Datasheet HTML 5Page - Texas Instruments LM4666_14 Datasheet HTML 6Page - Texas Instruments LM4666_14 Datasheet HTML 7Page - Texas Instruments LM4666_14 Datasheet HTML 8Page - Texas Instruments LM4666_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM4666, LM4666SDBD
www.ti.com
SNAS189 – MAY 2004
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for VDD = 3V and RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits apply for TA =
25°C.
LM4666
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, No Load
6.5
10
mA (max)
VIN = 0V, RL = 15µH + 8Ω + 15µH
7.0
ISD
Shutdown Current
VSD = GND
(6)
0.02
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
1.0
1.4
V (min)
VSDIL
Shutdown Voltage Input Low
0.8
0.4
V (max)
VGSIH
Gain Select Input High
1.0
1.4
V (min)
VGSIL
Gain Select Input Low
0.8
0.4
V (max)
5.25
dB (min)
AV
Closed Loop Gain
VGain Select = VDD
6
6.75
dB (max)
11.25
dB (min)
AV
Closed Loop Gain
VGain Select = GND
12
12.75
dB (max)
VOS
Output Offset Voltage
10
35
mV (max)
TWU
Wake-up Time
6
ms
THD = 1% (max); f = 1kHz,
Po
Output Power
450
400
mW (min)
22kHz BW
PO = 100mWRMS/Channel,
THD+N
Total Harmonic Distortion+Noise
fIN = 1kHz, 22kHz BW,
0.65
%
Both channels in phase
XTALK
Channel Separation
PO = 100mWRMS, f = 1kHz
57
dB
VGain Select = VDD
90
k
RIN
Differential Input Resistance
VGain Select = GND
60
k
Vripple = 100mVRMS sine wave,
fRIPPLE = 217Hz,
60
dB
Inputs terminated to AC GND
PSRR
Power Supply Rejection Ratio
VRipple = 100mVRMS sine wave,
fRIPPLE = 217Hz,
65
dB
POUT = 10mW,1kHz
VRipple = 100mVRMS,
CMRR
Common Mode Rejection Ratio
48
dB
fRipple = 217Hz, Input referred
SNR
Signal to Noise Ratio
PO = 400mWRMS, A-Weighted Filter
83
dB
εOUT
Output Noise
A-Weighted filter, Vin = 0V
125
µV
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typical specifications are specified at 25°C and represent the parametric norm.
(4)
Tested limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. The
Shutdown pin should be driven as close as possible to GND for minimal shutdown current and to VDD for the best THD performance in
PLAY mode. See the Application Information section under SHUTDOWN FUNCTION for more information.
External Components Description
(Figure 1)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section
for information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4666 LM4666SDBD


Similar Part No. - LM4666_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4666 TI-LM4666_15 Datasheet
1Mb / 22P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching
More results

Similar Description - LM4666_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4666 TI-LM4666_15 Datasheet
1Mb / 22P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com