Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1141B-2 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF1141B-2
Description  75.00 MHz SAW Resonator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1141B-2 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF1141B-2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1141B-2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1141B-2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
75.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1141B-2-012606-Ver1.1
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
6.80
7.00
7.20
0.268
0.276
0.283
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.65
2.00
0.065
0.079
D
0.60
0.024
E
2.54
0.100
H
1.0
0.039
J
5.00
0.197
K
3.00
0.118
P
1.27
0.050
Connection
Terminals
Port 1
Input or Return
10
Return or Input
1
Port 2
Output or Return
5
Return or Output
6
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
10-Terminal Ceramic Surface-Mount Case
7 x 5 mm Nominal Footprint
Electrical Connections
Case Dimensions
H
C
D
P
B
A
E
10
1
9
8
7
6
2
3
4
5
2
3
4
9
7
9
8
7
9
7
6
5
1
10
TOP VIEW
BOTTOM VIEW


Similar Part No. - SF1141B-2

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1141B-2 RFM-SF1141B-2 Datasheet
103Kb / 3P
   Designed for SDARS IF Receiver
More results

Similar Description - SF1141B-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1140B MURATA-SF1140B Datasheet
363Kb / 6P
   75.00 MHz SAW Resonator
SF1141B-4 MURATA-SF1141B-4 Datasheet
106Kb / 3P
   75.00 MHz SAW Resonator
SF1140B-2 MURATA-SF1140B-2 Datasheet
103Kb / 3P
   75.00 MHz SAW Resonator
SF1141B MURATA-SF1141B Datasheet
471Kb / 6P
   75.00 MHz SAW Resonator
logo
Transko Electronics, In...
TL07529AV TRANSKO-TL07529AV Datasheet
575Kb / 4P
   75.00 MHz IF SAW Filter / 29.6 MHz Bandwidth
Revision 0: 26 May 2008
TL07515CT TRANSKO-TL07515CT Datasheet
639Kb / 4P
   75.00 MHz IF SAW Filter / 15.5 MHz Bandwidth
Revision 1: 07 Oct. 2008
TA07516AV TRANSKO-TA07516AV Datasheet
765Kb / 4P
   75.00 MHz IF SAW Filter / 16.40 MHz Bandwidth
Revision 1: 28 Oct. 2010
TL07526AV TRANSKO-TL07526AV Datasheet
565Kb / 4P
   75.00 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 0: 05 Dec. 2007
TL07504AV TRANSKO-TL07504AV Datasheet
598Kb / 4P
   75.00 MHz IF SAW Filter / 4.73 MHz Bandwidth
Revision 0: 26 Nov. 2008
TL07515DT TRANSKO-TL07515DT Datasheet
595Kb / 4P
   75.00 MHz IF SAW Filter / 14.8 MHz Bandwidth
Revision 0: 1 Oct. 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com