Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1081A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF1081A
Description  71.00 MHz SAW Resonator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1081A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF1081A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1081A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1081A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
SF1081A - 9/5/08
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
71.000
MHz
Passband
Insertion Loss at fc
IL
68.0
dB
3 dB Passband
BW3
1, 2
±100
±140
±200
kHz
Amplitude Ripple over fc±80 kHz
1.5
dBP-P
Group Delay Variation over fc±50 kHz
GDV
300
1000
nsP-P
Absolute Group Delay
GD
2.8
µs
Rejection
fc-600 to fc-400 and fc+400 to fc+600 kHz
1, 2, 3
25
26
dB
fc-1.0 to fc-0.6 and fc+0.6 to fc+1.8 MHz
35
40
69.6 to 70.0 MHz
40
45
31 to 69.6 and 71.8 to 111 MHz
35
50
Operating Temperature Range
TA
1-5
+70
°C
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SMP-87 22.1 X 8 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week)
RFM SF1081A YYWW
SMP-87
• Designed for GSM BTS Receiver IF Applications
• Simple External Impedance Matching
• Hermetic SMP-87 Surface-Mount Case
• Unbalanced Input and Output
• Indoor-Temperature Version of SF1081A-1
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Profile
260°C for 30 s
71.00 MHz
SAW Filter
SF1081A
1.
Unless noted otherwise, all specifications apply over the operating tem-
perature range with filter soldered to the specified demonstration board
with impedance matching to 50
Ω and measured with 50 Ω network ana-
lyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the
passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42
for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
9.
©Copyright 1999, RF Monolithics Inc.
Electrical Connections
Connection
Terminals
Port 1Hot
1
Port 1 Gnd Return
10
Port 2 Hot
6
Port 2 Gnd Return
5
Case Ground
All Others
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF1081A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1081A RFM-SF1081A Datasheet
513Kb / 15P
   71.00 MHz SAW Filter
SF1081A-1 RFM-SF1081A-1 Datasheet
183Kb / 8P
   71.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1081A-1 MURATA-SF1081A-1 Datasheet
479Kb / 3P
   71.00 MHz SAW Resonator
More results

Similar Description - SF1081A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1081A-1 MURATA-SF1081A-1 Datasheet
479Kb / 3P
   71.00 MHz SAW Resonator
logo
RF Monolithics, Inc
SF1081A RFM-SF1081A Datasheet
513Kb / 15P
   71.00 MHz SAW Filter
SF1081A-1 RFM-SF1081A-1 Datasheet
183Kb / 8P
   71.00 MHz SAW Filter
logo
Transko Electronics, In...
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
   71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
TL071001BV1 TRANSKO-TL071001BV1 Datasheet
603Kb / 4P
   71.00 MHz IF SAW Filter / 61.00 kHz Bandwidth
Revision 0: 29 Nov. 2011
TL071001AV1 TRANSKO-TL071001AV1 Datasheet
611Kb / 4P
   71.00 MHz IF SAW Filter / 95.00 kHz Bandwidth
Revision 0: 08 Nov. 2011
TL071014AV1 TRANSKO-TL071014AV1 Datasheet
624Kb / 4P
   71.00 MHz IF SAW Filter / 135.00 kHz Bandwidth
Revision 0: 13 Oct. 2011
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com