Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4562MANOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4562MANOPB
Description  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562MANOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4562MANOPB Datasheet HTML 2Page - Texas Instruments LM4562MANOPB Datasheet HTML 3Page - Texas Instruments LM4562MANOPB Datasheet HTML 4Page - Texas Instruments LM4562MANOPB Datasheet HTML 5Page - Texas Instruments LM4562MANOPB Datasheet HTML 6Page - Texas Instruments LM4562MANOPB Datasheet HTML 7Page - Texas Instruments LM4562MANOPB Datasheet HTML 8Page - Texas Instruments LM4562MANOPB Datasheet HTML 9Page - Texas Instruments LM4562MANOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
100m
2
500m
1
0.00001
0.01
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
10
5
200m
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
OUTPUT VOLTAGE (V)
10m
1
20
10
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.00005
0.0005
0.005
100m
10m
1
20
10
OUTPUT VOLTAGE (V)
LM4562
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 15V, VEE = –15V
VCC = 12V, VEE = –12V
RL = 2kΩ
RL = 2kΩ
Figure 4.
Figure 5.
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 17V, VEE = –17V
VCC = 2.5V, VEE = –2.5V
RL = 2kΩ
RL = 2kΩ
Figure 6.
Figure 7.
THD+N vs Output Voltage
THD+N vs Output Voltage
VCC = 15V, VEE = –15V
VCC = 12V, VEE = –12V
RL = 600Ω
RL = 600Ω
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM4562


Similar Part No. - LM4562MANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562MA NSC-LM4562MA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562MA/NOPB TI1-LM4562MA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562MAX/NOPB TI1-LM4562MAX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LM4562MANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com