Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4562HANOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4562HANOPB
Description  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562HANOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4562HANOPB Datasheet HTML 5Page - Texas Instruments LM4562HANOPB Datasheet HTML 6Page - Texas Instruments LM4562HANOPB Datasheet HTML 7Page - Texas Instruments LM4562HANOPB Datasheet HTML 8Page - Texas Instruments LM4562HANOPB Datasheet HTML 9Page - Texas Instruments LM4562HANOPB Datasheet HTML 10Page - Texas Instruments LM4562HANOPB Datasheet HTML 11Page - Texas Instruments LM4562HANOPB Datasheet HTML 12Page - Texas Instruments LM4562HANOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
1
OUTPUT VOLTAGE (V)
10
2
5
0.00001
0.00002
0.00005
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
100m 200m 500m
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000007
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
0.00001
0.0001
0.001
0.01
0.00002
0.0002
0.002
0.000007
0.00005
0.0005
0.005
OUTPUT VOLTAGE (V)
5
100m 200m 500m 1
2
10
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
LM4562
www.ti.com
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Frequency
THD+N vs Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 10kΩ
RL = 10kΩ
Figure 22.
Figure 23.
THD+N vs Frequency
IMD vs Output Voltage
VCC = 17V, VEE = –17V, VOUT = 3VRMS
VCC = 15V, VEE = –15V
RL = 10kΩ
RL = 2kΩ
Figure 24.
Figure 25.
IMD vs Output Voltage
IMD vs Output Voltage
VCC = 12V, VEE = –12V
VCC = 2.5V, VEE = –2.5V
RL = 2kΩ
RL = 2kΩ
Figure 26.
Figure 27.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4562


Similar Part No. - LM4562HANOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LM4562HANOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com