Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4562 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4562
Description  Dual High-Performance, High-Fidelity Audio Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4562 Datasheet(HTML) 3 Page - Texas Instruments

  LM4562_14 Datasheet HTML 1Page - Texas Instruments LM4562_14 Datasheet HTML 2Page - Texas Instruments LM4562_14 Datasheet HTML 3Page - Texas Instruments LM4562_14 Datasheet HTML 4Page - Texas Instruments LM4562_14 Datasheet HTML 5Page - Texas Instruments LM4562_14 Datasheet HTML 6Page - Texas Instruments LM4562_14 Datasheet HTML 7Page - Texas Instruments LM4562_14 Datasheet HTML 8Page - Texas Instruments LM4562_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
8
4
6
2
5
7
3
1
V
+
OUTPUT B
OUTPUT A
INVERTING
INPUT A
V
-
INVERTING
INPUT B
NON-INVERTING
INPUT A
NON-INVERTING
INPUT B
LM4562
www.ti.com
SNAS326I – AUGUST 2006 – REVISED JANUARY 2010
Figure 3. 8-Lead TO-99 (LMC Package)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
Power Supply Voltage (VS = V
+ - V-)
36V
Storage Temperature
−65°C to 150°C
Input Voltage
(V-) - 0.7V to (V+) + 0.7V
Output Short Circuit(4)
Continuous
Power Dissipation
Internally Limited
ESD Susceptibility(5)
2000V
ESD Susceptibility(6)
Pins 1, 4, 7 and 8
200V
Pins 2, 3, 5 and 6
100V
Junction Temperature
150°C
Thermal Resistance
θJA (D)
145°C/W
θJA (P)
102°C/W
θJA (LMC)
150°C/W
θJC (LMC)
35°C/W
Temperature Range
TMIN ≤ TA ≤ TMAX
–40°C
≤ TA ≤ 85°C
Supply Voltage Range
±2.5V
≤ VS ≤ ± 17V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Amplifier output connected to GND, any number of amplifiers within a package.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage and then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4562


Similar Part No. - LM4562_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4562HA NSC-LM4562HA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562HA/NOPB TI1-LM4562HA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562MA NSC-LM4562MA Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562MA/NOPB TI1-LM4562MA/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LM4562MAX/NOPB TI1-LM4562MAX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
More results

Similar Description - LM4562_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com