Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO3164 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3164
Description  868.35 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3164 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3164 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3164 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3164 - 3/27/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
868.150
868.55
MHz
Tolerance from 868.350 MHz
ΔfC
±200
kHz
Insertion Loss
IL
2, 5, 6
1.0
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
5600
50
Ω Loaded Q
QL
600
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
11
Ω
Motional Inductance
LM
11
µH
Motional Capacitance
CM
3
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
1.9
pF
Test Fixture Shunt Inductance
LTEST
2, 7
18
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM / RO3164 / YYWWS ##
TO39-3 Case
• Ideal for 868.350 MHz Transmitters
• Low Series Resistance
• Quartz Stability
• Rugged, Hermetic, Low-Profile TO39 Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3164 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It
provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating
at 868.350 MHz. The RO3164 is designed specifically for wireless remote controls and security transmitters,
typically for automotive-keyless-entry, operating in the USA under FCC Part 15, in Canada under DoC RSS-
210, and in Italy.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
868.350 MHz
SAW
Resonator
RO3164
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C
less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between pin1 and pin 2 measured
at low frequency (10 MHz) with a capacitance meter. The measurement
includes case parasitic capacitance with a floating case. For usual
grounded case applications (with ground connected to either pin 1 or pin 2
and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RO3164

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164A MURATA-RO3164A Datasheet
391Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-1 MURATA-RO3164A-1 Datasheet
391Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-2 MURATA-RO3164A-2 Datasheet
391Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3-15 MURATA-RO3164A-3-15 Datasheet
167Kb / 2P
   868.35 MHz SAW Resonator
More results

Similar Description - RO3164

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3164D-2 MURATA-RO3164D-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-1 MURATA-RO3164E-1_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164A-3 MURATA-RO3164A-3 Datasheet
63Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3 Datasheet
431Kb / 2P
   868.35 MHz SAW Resonator
RO3164E-3 MURATA-RO3164E-3_15 Datasheet
208Kb / 2P
   868.35 MHz SAW Resonator
RO3164D-3 MURATA-RO3164D-3 Datasheet
124Kb / 2P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
RO3164D MURATA-RO3164D_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E MURATA-RO3164E_15 Datasheet
206Kb / 3P
   868.35 MHz SAW Resonator
RO3164E-2 MURATA-RO3164E-2_15 Datasheet
100Kb / 2P
   868.35 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com