Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1DU63L Datasheet(PDF) 8 Page - Altech corporation

Part # DC1DU63L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1DU63L Datasheet(HTML) 8 Page - Altech corporation

Back Button DC1DU63L Datasheet HTML 4Page - Altech corporation DC1DU63L Datasheet HTML 5Page - Altech corporation DC1DU63L Datasheet HTML 6Page - Altech corporation DC1DU63L Datasheet HTML 7Page - Altech corporation DC1DU63L Datasheet HTML 8Page - Altech corporation DC1DU63L Datasheet HTML 9Page - Altech corporation DC1DU63L Datasheet HTML 10Page - Altech corporation DC1DU63L Datasheet HTML 11Page - Altech corporation DC1DU63L Datasheet HTML 12Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Neutral
Pole (63A/240VAC;32A/480Y/277VAC)
Description Type/
Cable
Cable
Torque
Torque
Cat.No.
Max
Min
Max
Min
Neutral
ALTN2L
25mm2
2.5mm2
2Nm
1.5Nm
3 AWG
12 AWG
17.5 lb-in
12 lb-in
StandardPack:10
Weight:1.2kg(2.64lb.)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
57
Description
Type/
Cable
Cable
Torque
Torque
Cat.No.
Max
Min
Max
Min
1 x CO
H1COL
2 x CO
H2COL
1 x CO, 1 Signal
HSTCOL
& Test Button
Accessories
L-Series
Circuit Breakers
ShuntTripand
UndervoltageTrip
Description ShuntTrip
Operational
Rated
UndervoltageTrip*
Type/Cat.No.
Voltage
CoilCurrent Type/Cat.No.
ACCoil:
12V AC
FA12ACL
8.4 - 13.2V
6A
UV12ACL
24V AC
FA24ACL
16.8 - 26.4V
2.8A
UV24ACL
48V AC
FA48ACL
33.6 - 52.8V
0.8A
UV48ACL
60V AC
FA60ACL
42 - 66V
~0.7A
UV60ACL
110V AC
FA110ACL
77 - 121V
0.5A
UV110ACL
120V AC
FA120ACL
84 - 132V
~0.5A
UV120ACL
230V AC
FA230ACL
161 - 253V
0.6A
UV230ACL
277V AC
FA277ACL
194 - 305V
~0.5A
UV277ACL
400V AC
FA400ACL
280 - 440V
0.5A
UV400ACL
DCCoil:
12V DC
FA12DCL
8.4 - 13.2V
~6A
UV12DCL
24V DC
FA24DCL
16.8 - 26.4V
3A
UV24DCL
48V DC
FA48DCL
33.6 - 52.8V
2A
UV48DCL
110V DC
FA110DCL
77 - 121V
0.6A
UV110DCL
StandardPack:10
Weight:1.1kg(2.43lb.)
* Reset-Hold Voltage = 0.85 x VE; Drop-Out Voltage = 0.2 x VE
Auxiliary
Contact
StandardPack:15
Weight:0.5kg(1.32lb.)
Lock-outAdapter
Description Type/
Cat.No.
Yellow
EASS2L
StandardPack:10
Weight:50g(1.76oz.)
FrontMountingKit
with hardware
Description Type/
Weight
Cat.No.
1 Pole
FMA1PL
40g (1.41 oz.)
2 Pole
FMA2PL
45g (1.59 oz.)
3 Pole
FMA3PL
50g (1.76 oz.)
StandardPack:1
(6A/120VAC; 3A/240VAC; 6A/24VDC; 0.5A/125VDC)
Accessories can be factory or field mounted on L-Series miniature molded case circuit
breakers for enhanced control and monitoring capabilities. Field mounting kits include all
necessary parts and instructions. Accessories can be gang mounted on a single controller
(the Auxiliary Switch in the outside position). The mounting arrangement links the internal
latch-pins for the tripping mechanisms, ensuring simultaneous trips. Handles are linked to
simplify manual resetting.
ShuntTrip
UndervoltageTrip
LISTED
E305318
2.5mm2
0.5mm2
0.5Nm
0.33Nm
12 AWG
20 AWG
4 lb-in
3 lb-in
TerminalSize-min/max
TerminalTorque-min/max 2.5mm2(12AWG)/25mm2(3AWG)
1.5 Nm (12 lb. in.) / 2 Nm (17.5 lb. in.)
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 57


Similar Part No. - DC1DU63L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC1DV2SST30150B JAE-DC1DV2SST30150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30200B JAE-DC1DV2SST30200B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30300B JAE-DC1DV2SST30300B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30500B JAE-DC1DV2SST30500B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST80150B JAE-DC1DV2SST80150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
More results

Similar Description - DC1DU63L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com