Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1DU6L Datasheet(PDF) 5 Page - Altech corporation

Part # DC1DU6L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1DU6L Datasheet(HTML) 5 Page - Altech corporation

  DC1DU6L Datasheet HTML 1Page - Altech corporation DC1DU6L Datasheet HTML 2Page - Altech corporation DC1DU6L Datasheet HTML 3Page - Altech corporation DC1DU6L Datasheet HTML 4Page - Altech corporation DC1DU6L Datasheet HTML 5Page - Altech corporation DC1DU6L Datasheet HTML 6Page - Altech corporation DC1DU6L Datasheet HTML 7Page - Altech corporation DC1DU6L Datasheet HTML 8Page - Altech corporation DC1DU6L Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
For ring tongue terminal version, replace “U” with “
R”inpartnumber.Forexample1CR20Linsteadof1CU20L.
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
54
StandardPack:4
Weight:1.7kg(3.74lb.)
Rated
Type/
Current
Cat.No.
0.2A
1DU02L
0.5A
1DU05L
1.0A
1DU1L
1.6A
1DU1.6L
2.0A
1DU2L
3.0A
1DU3L
4.0A
1DU4L
5.0A
1DU5L
6.0A
1DU6L
8.0A
1DU8L
10A
1DU10L
12A
1DU12L
13A
1DU13L
15A
1DU15L
16A
1DU16L
20A
1DU20L
25A
1DU25L
30A
1DU30L
32A
1DU32L
40A
1DU40L
50A
1DU50L
60A
1DU60L
63A
1DU63L
OnePole
Rated
Type/
Current
Cat.No.
0.2A
2DU02L
0.5A
2DU05L
1.0A
2DU1L
1.6A
2DU1.6L
2.0A
2DU2L
3.0A
2DU3L
4.0A
2DU4L
5.0A
2DU5L
6.0A
2DU6L
8.0A
2DU8L
10A
2DU10L
12A
2DU12L
13A
2DU13L
15A
2DU15L
16A
2DU16L
20A
2DU20L
25A
2DU25L
30A
2DU30L
32A
2DU32L
40A
2DU40L
50A
2DU50L
60A
2DU60L
63A
2DU63L
Rated
Type/
Current
Cat.No.
0.2A
3DU02L
0.5A
3DU05L
1.0A
3DU1L
1.6A
3DU1.6L
2.0A
3DU2L
3.0A
3DU3L
4.0A
3DU4L
5.0A
3DU5L
6.0A
3DU6L
8.0A
3DU8L
10A
3DU10L
12A
3DU12L
13A
3DU13L
15A
3DU15L
16A
3DU16L
20A
3DU20L
25A
3DU25L
30A
3DU30L
32A
3DU32L
40A
3DU40L
50A
3DU50L
60A
3DU60L
63A
3DU63L
TwoPole
ThreePole
StandardPack:12
Weight:1.7kg(3.74lb.)
StandardPack:6
Weight:1.7kg(3.74lb.)
ACD-Trip
Characteristics ApplicationExamples:
High inrush motors, transformers, power
supplies, heaters and reactive loads.
Relatively long thermal trip delay and very
high magnetic trip point.
LISTED
FourPole
Pleasecontact
Altech.
E305318
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 54


Similar Part No. - DC1DU6L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC1DV2SST30150B JAE-DC1DV2SST30150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30200B JAE-DC1DV2SST30200B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30300B JAE-DC1DV2SST30300B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30500B JAE-DC1DV2SST30500B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST80150B JAE-DC1DV2SST80150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
More results

Similar Description - DC1DU6L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com