Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC1DU5L Datasheet(PDF) 11 Page - Altech corporation

Part # DC1DU5L
Description  Miniature Molded Case Circuit Breakers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC1DU5L Datasheet(HTML) 11 Page - Altech corporation

Back Button DC1DU5L Datasheet HTML 7Page - Altech corporation DC1DU5L Datasheet HTML 8Page - Altech corporation DC1DU5L Datasheet HTML 9Page - Altech corporation DC1DU5L Datasheet HTML 10Page - Altech corporation DC1DU5L Datasheet HTML 11Page - Altech corporation DC1DU5L Datasheet HTML 12Page - Altech corporation DC1DU5L Datasheet HTML 13Page - Altech corporation DC1DU5L Datasheet HTML 14Page - Altech corporation DC1DU5L Datasheet HTML 15Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UL489 recognized
E305318
18 x 17.6 = 299.2
(11.78 in.)
310.2 (12.21 in.)
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
1P16UL
3/18
1P16UL
3/18
1P16UL
3/12
Example for different No. of Pins
eg. 44 pins use 1x 1P16UL3/12 + 2x 1P16UL3/18
Busbars backwards
to one another
overlapping
No. of overlapping pins of 2 busbars must be a multiplier of the No. of phases
Overlapping busbars are backwards to each other
L3/18
L3/18
L3/18
UL3/18
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/18
18
310.2
ACCESSORIES
Type/Cat.No:
P35ULT
P50ULB
BRUL(3perstrip)
Description:
Power Feed Lug
Modular Direct Power Feed
Insulation Cap
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
60
UL489 recognized
E305318
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
6 x 17.6 = 88 mm
(3.46 in.)
99 mm (3.90 in.)
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/6
6
99
UL489 recognized
E305318
12 x 17.6 = 193.6 mm
(7.62 in.)
204.6 mm (8.06 in.)
15.5 mm
(0.61 in.)
1.5 mm
(0.06 in.)
max. 1.5 mm
(0.06 in.)
5 mm (0.20 in.)
17.6 mm (0.69 in.)
Type/
No.of
Length
Cat.No.
Pins
[mm]
1P16UL3/12
12
204.6
1PHASEBUSBAR
16mm2 for 115A
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 60


Similar Part No. - DC1DU5L

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC1DV2SST30150B JAE-DC1DV2SST30150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30200B JAE-DC1DV2SST30200B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30300B JAE-DC1DV2SST30300B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST30500B JAE-DC1DV2SST30500B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
DC1DV2SST80150B JAE-DC1DV2SST80150B Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
More results

Similar Description - DC1DU5L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
   Molded Case Circuit Breakers
logo
Fuji Electric
BW9N0HA FUJI-BW9N0HA Datasheet
9Mb / 93P
   Molded Case Circuit Breakers
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
   Molded Case Circuit Breakers UL489 Listed
logo
List of Unclassifed Man...
A2N150TW ETC2-A2N150TW Datasheet
675Kb / 2P
   FORMULA UL Molded Case Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Altech corporation
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
   L-Series - UL489 Miniature Molded Case Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com